Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1865L Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1865L
Description  Easy-to-Use, Ultra-Tiny 16-Bit ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865L Datasheet(HTML) 1 Page - Linear Technology

  LTC1865L Datasheet HTML 1Page - Linear Technology LTC1865L Datasheet HTML 2Page - Linear Technology LTC1865L Datasheet HTML 3Page - Linear Technology LTC1865L Datasheet HTML 4Page - Linear Technology LTC1865L Datasheet HTML 5Page - Linear Technology LTC1865L Datasheet HTML 6Page - Linear Technology LTC1865L Datasheet HTML 7Page - Linear Technology LTC1865L Datasheet HTML 8Page - Linear Technology LTC1865L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2450-1
1
24501fb
FEATURES
APPLICATIONS
DESCRIPTION
Easy-to-Use, Ultra-Tiny
16-Bit ΔΣ ADC
The LTC
®2450-1 is a low power, ultra-tiny 16-bit analog-
to-digital converter designed for space constrained ap-
plications requiring 16-bit performance. The LTC2450-1
uses a single 2.7V to 5.5V supply, accepts a single-ended
analog input voltage, and communicates through an SPI
interface. It includes an integrated oscillator that does
not require any external components. The delta-sigma
modulator converter core provides single-cycle settling
time for multiplexed applications. The converter is avail-
able in a 6-pin, 2mm × 2mm DFN package. The LTC2450-1
implements a proprietary input sampling scheme that
reduces the average input sampling current several orders
of magnitude.
The LTC2450-1 is capable of up to 60 conversions per
second and, due to the very large oversampling ratio, has
extremely relaxed antialiasing requirements. The converter
uses its power supply voltage as the reference voltage and
the single-ended, rail-to-rail input voltage range extends
from GND to VCC.
Following a conversion, the LTC2450-1 can automatically
enter a sleep mode and reduce its power to less than
500nA. At an output rate of 1Hz, the LTC2450-1 consumes
an average of less than 25μW from a 2.7V supply.
n GND to VCC Single-Ended Input Range
n 60 Conversions Per Second
n 0.02LSB RMS Noise
n 16-Bits, No Missing Codes
n 0.5mV Offset Error
n 4LSB Full-Scale Error
n Single Conversion Settling Time for Multiplexed
Applications
n Single Cycle Operation with Auto Shutdown
n 350μA Supply Current
n 50nA Sleep Current
n Internal Oscillator—No External Components
Required
n Single Supply, 2.7V to 5.5V Operation
n SPI Interface
n Ultra-Tiny, 2mm × 2mm DFN Package
n System Monitoring
n Environmental Monitoring
n Direct Temperature Measurements
n Instrumentation
n Industrial Process Control
n Data Acquisition
n Embedded ADC Upgrades
Integral Nonlinearity
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Easy Drive
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 6208279, 6411242, 7088280, 7164378.
SENSE
SCK
VIN
3-WIRE SPI
INTERFACE
SDO
LTC2450-1
GND
0.1μF
0.1μF
10μF
2.7 TO 5.5V
VCC
CLOSE TO
CHIP
1k
24501 TA01
CS
INPUT VOLTAGE (V)
0
–3.0
–2.0
–1.0
0
1.0
3.0
0.5
1.0
1.5
2.0
24501 G02
2.5
3.0
2.0
–2.5
–1.5
–0.5
0.5
2.5
1.5
VCC = VREF = 3V
TA = –45°C, 25°C, 90°C
TYPICAL APPLICATION


Similar Part No. - LTC1865L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865L LINER-LTC1865L Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC1865L LINER-LTC1865L Datasheet
357Kb / 16P
關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L Datasheet
507Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1865L LINER-LTC1865L Datasheet
363Kb / 16P
Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865LACMS LINER-LTC1865LACMS Datasheet
360Kb / 24P
Power, 16-Bit, 250ksps 1- and 2-Channel
More results

Similar Description - LTC1865L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2453 LINER-LTC2453 Datasheet
290Kb / 16P
Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452 Datasheet
294Kb / 20P
Ultra-Tiny, Differential, 16-Bit ?誇 ADC with SPI Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450_15 Datasheet
208Kb / 20P
Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com