Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD95481RWJ Datasheet(PDF) 3 Page - Texas Instruments

Part # CSD95481RWJ
Description  CSD95481RWJ Synchronous Buck NexFET™ Smart Power Stage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD95481RWJ Datasheet(HTML) 3 Page - Texas Instruments

  CSD95481RWJ Datasheet HTML 1Page - Texas Instruments CSD95481RWJ Datasheet HTML 2Page - Texas Instruments CSD95481RWJ Datasheet HTML 3Page - Texas Instruments CSD95481RWJ Datasheet HTML 4Page - Texas Instruments CSD95481RWJ Datasheet HTML 5Page - Texas Instruments CSD95481RWJ Datasheet HTML 6Page - Texas Instruments CSD95481RWJ Datasheet HTML 7Page - Texas Instruments CSD95481RWJ Datasheet HTML 8Page - Texas Instruments CSD95481RWJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
VOS
AGND
VDD
PVDD
PGND
NC
41
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
VIN
VIN
VIN
VIN
VIN
40
VIN
PGND
3
CSD95481RWJ
www.ti.com
SLPS674 – JUNE 2017
Product Folder Links: CSD95481RWJ
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
Top View
Pin Functions
PIN
DESCRIPTION
NAME
NO.
VOS
1
Output voltage sensing pin for the internal current sensing circuitry.
AGND
2
This pin is internally connected to PGND.
VDD
3
Supply voltage for internal circuitry. This pin should be bypassed directly to pin 2.
PVDD
4
Supply voltage for gate drivers. This pin should be bypassed to PGND.
PGND
5
Power ground.
NC
6
Not connected. This pin needs to be left floating in application.
PGND
7-9
Power ground.
VSW
10-19
Phase node connecting the HS MOSFET source and LS MOSFET drain – pin connection to the output inductor.
PGND
20-24
Power ground.
VIN
25-30
Input voltage pin. Connect input capacitors close to this pin.
NC
31
Not connected. This pin needs to be left floating in application.
BOOTR
32
Return path for HS gate driver. It is connected to VSW internally.
BOOT
33
Bootstrap capacitor connection. Connect a minimum 0.1-µF, 16-V, X5R ceramic capacitor from BOOT to
BOOTR pins. The bootstrap capacitor provides the charge to turn on the control FET. The bootstrap diode is
integrated.
PWM
34
Tri-state input from external controller. Logic low sets control FET gate low and sync FET gate high. Logic high
sets control FET gate high and sync FET gate low. Both MOSFET gates are set low if PWM stays in Hi-Z for
greater than the tri-state shutdown hold-off time (T3HT).
EN/FCCM
35
This dual function pin either enables the diode emulation function or can be used as a simple enable for the
device. When this pin is driven into the tri-state window and held there for more than the tri-state hold-off time,
Diode Emulation Mode is enabled for sync FET. When the pin is high, device operates in Forced Continuous
Conduction Mode. When the pin is low, both FETs are held off. An internal resistor pulls this pin low if left
floating.
TAO/FLT
36
Temperature amplifier output. Reports a voltage proportional to the IC temperature. An ORing diode is integrated
in the IC. When used in multiphase application, a single wire can be used to connect the TAO pins of all the ICs.
Only the highest temperature will be reported. TAO will be pulled up to 3.3 V if thermal shutdown LSOC or HSS
detection circuit is tripped.
LSET
37
A resistor from this pin to PGND pin sets the inductor value for the internal current sensing circuitry.
IOUT
38
Output of current sensing amplifier. V(IOUT) – V(REFIN) is proportional to the phase current.
REFIN
39
External reference voltage input for current sensing amplifier.
PGND
40
Power ground.
NC
41
Not connected. This pin needs to be left floating in application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com