Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASNP1100 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ASNP1100
Description  CON,SMA NANO-PLUG CRIMP 100 SERIES CABLE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ASNP1100 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ASNP1100 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NOTES:
ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN
1.
ACCORDANCE WITH L-COM SPECIFICATION PS-0031
DESCRIPTION
MATERIAL
FINISH
BODY
BRASS
GOLD PLATE
INNER BODY
BERYLLIUM
COPPER
GOLD PLATE
DIELECTRIC
PTFE
-
CENTER PIN
BERYLLIUM
COPPER
GOLD PLATE
FERRULE
BRASS
GOLD PLATE
CAP
BRASS
GOLD PLATE
B
B
ASNP-1100.SLDDRW
COAXIAL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
A
UNDIMENSIONED FEATURES
CATEGORY
7
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
COLOR VARIATIONS
B
C
D
50 HIGH STREET
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
ASNP-1100
CON,SMA NANO-PLUG CRIMP 100 SERIES CABLE
6
07/08/2019
7
BPUCHASKI
1
07/08/2019
REVISIONS
DESCRIPTION
INITIAL RELEASE
07/08/2019
10/28/2005
07/08/2019
REV
DATE
.XXX = ±.005 [.13]
B
1
DFRISIELLO
DFRISIELLO
6
APPROVED
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
MAY VARY
ECN 9912: REVISE MODEL TO NEW SPEC, NEW FORMAT, DIMS
NONE
FSCM NO.
43321
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
P.PESA
NORTH ANDOVER, MA
SELLIS
A
MAY OCCUR
PRODUCT DESCRIPTION
8
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
B
B
.39
10.0
.59
14.9
4.7
.19
5.0
.20
2.9
.11
0.7
.03
0.6
.02
10.0
.39
.14
3.5
.15
3.8


Similar Part No. - ASNP1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASN-SK-24401 ETC1-ASN-SK-24401 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
ASN-SK-24401PN02 ETC1-ASN-SK-24401PN02 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
ASN-T1SK-24401 ETC1-ASN-T1SK-24401 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
ASN-T1SK-24401PN02 ETC1-ASN-T1SK-24401PN02 Datasheet
13Mb / 51P
Heavy duty switches & pilot lights offer both variety and reliability Endures harsh environments
logo
Lumberg
ASNBL8-LED5-4-320-10M LUMBERG-ASNBL8-LED5-4-320-10M Datasheet
8Mb / 178P
Connectors & Components for Automation Technology
More results

Similar Description - ASNP1100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
135101-07-06.00 ETC2-135101-07-06.00 Datasheet
149Kb / 1P
SMA CRIMP PLUG
logo
Rosenberger Hochfrequen...
LU7-071-2000 ROSENBERGER-LU7-071-2000 Datasheet
623Kb / 1P
Cable assembly SMA Plug / SMA Plug ??RTK 162
logo
Linx Technologies
CSE-SGAM-CCC-SGAM LINX-CSE-SGAM-CCC-SGAM Datasheet
551Kb / 4P
SMA Plug to SMA Plug Cable Assembly
2021
logo
Molex Electronics Ltd.
200218-6500 MOLEX-200218-6500 Datasheet
1Mb / 8P
Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
200218-6400 MOLEX-200218-6400 Datasheet
1Mb / 8P
Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
2002186500 MOLEX-2002186500 Datasheet
1Mb / 8P
Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
200218-6400 MOLEX2-200218-6400 Datasheet
1Mb / 8P
Hand Crimp Tool for Nano-Fit Plug Crimp Terminals
07-12-19
logo
PHOENIX CONTACT
2867403 PHOENIX-2867403 Datasheet
179Kb / 4P
Antenna cable - RAD-CON-SMA-N-SS
Dec 6, 2022
logo
Amphenol RF.
132114 RF-132114 Datasheet
227Kb / 1P
SMA STR CRIMP PLUG FOR RG 174,188A, 316 & LMR 100 CABLE
logo
List of Unclassifed Man...
AMPH-S-A0001288908-1 ETC-AMPH-S-A0001288908-1 Datasheet
87Kb / 1P
SMA R/A CRIMP PLUG
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com