Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD-250A-R-T Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # SSD-250A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-250A-R-T Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button SSD-250A-R-T Datasheet HTML 4Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 5Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 10Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
Frequently Asked Questions
Q: Is it necessary to install the Model SSD on the low side
of the circuit?
A: The Model SSD Digital Current Sensor is completely
isolated, so it may be installed in either the low or high side
of the circuit.
Q: The sensor is only sending whole Coulombs and Watt-
hours, how precise are these?
A: Internally, micro-coulombs and micro-joules are counted; so
very short ADC timing intervals and very low currents are
accurately counted.
Q: What is the best way to connect to the SSD Series
terminals?
A: Make sure connections are clean and well prepared.
Bolts to be torqued to the hardware manufacturer’s
recommendations. There should be sufficient clamping
force to ensure proper connection. Overlap shown below
should be taken as a minimum. Suitable for Copper,
Copper-Clad Aluminum or Aluminum conductors.
20 mm
BUSBAR
OVERLAP
HARDWARE:
5/16-18 GRADE 5 STEEL or
M8x1.25 CLASS 8.8 STEEL
TORQUE:
11-13 ft-lb,
15-17.6 N-M
Q: What is the best way to cool the Model SSD Digital
Current Sensor?
A: A majority of the heat generated by the SSD is dissipated
through the primary conductors. Care should be taken to
ensure that the primary conductors are sized appropriately
given expected amperage and conductor length. Bourns
recommends a 115 °C maximum conductor temperature at
rated current. If there are thermal concerns, oversizing the
conductors will help minimize the operating temperature of
the Digital Current Sensor.
Q: When should I use the SSD version with the internal
120 Ω termination resistor (-T)?
A: The -T version includes a built-in 120 Ω resistor between
CANH/CANL or 485A/485B. Typical RS485 or CANbus
networks require termination at two endpoints. Use the -T
version accordingly. Avoid using more than two termination
points to ensure proper communication.
Q: What size wire is suitable for the SSD Series?
A:
Copper Conductor Ampacity Ratings (continuous)
mm2
AWG
Amps (75 °C)
mm2
AWG
Amps (75 °C)
13.3
6
65
107
0000 (4/0)
230
21.2
4
85
127
250 MCM
255
33.6
2
115
152
300 MCM
285
42.4
1
130
203
400 MCM
335
54
0 (1/0)
150
253
500 MCM
380
67
00 (2/0)
175
380
750 MCM
475
85
000 (3/0)
200
887
1500 MCM
625



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com