Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD-250A-R-T Datasheet(PDF) 9 Page - Bourns Electronic Solutions

Part # SSD-250A-R-T
Description  SSD SeriesRiedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SSD-250A-R-T Datasheet(HTML) 9 Page - Bourns Electronic Solutions

Back Button SSD-250A-R-T Datasheet HTML 5Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 6Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 7Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 8Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 9Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 10Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 11Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 12Page - Bourns Electronic Solutions SSD-250A-R-T Datasheet HTML 13Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SSD Series – Riedon™ Digital Current Sensor with RS485/MODBUS Interface by Bourns
SSD Interface Manual
Name
Size
Units
Range
Current
Signed int32
1 mA
± 20 X Nominal
Temperature
Signed int32
0.1 °C
-40 °C to +125 °C*
Bus Voltage (Vbus)
Signed int32
1 mV
±1200 VDC
Coulomb
Signed int64
C (A•s)
± 260
Power
Unsigned int32
0.1 W
0 to 232
Energy
Unsigned int64
W•h
0 to 260
*Values outside specification are reported.
This sensor is software selectable between plain RS485 or MODBUS RTU. If changing from one format to the other, set SET MODE
configuration bit2 to the correct value (page 16), save settings to EEPROM (RESET COMMAND page 15), then reboot the sensor. It
will boot to the correct format.
STANDARD RS485
Default COM Settings – 19200 baud, 8 bits, No Parity, 1 Stop (no echo)
Message Format
:1XX1234<cr>
All SSD commands begin with a colon ‘:’
Then the sensor address (1 to 255)
Then a two letter command
Then an optional value
Command is terminated with a <cr>
Line feeds <lf> are ignored
NOTE: In RS485 mode, the SSD sensor does not check to see if bus is free when sending data.
Use caution when enabling automatic sending modes.
MODBUS RTU
Default COM Settings – 19200 baud, 8 bits, No Parity, 2 Stop
MODBUS registers larger than 16 bits have a little-endian byte swap format.
MODBUS is a purely master / slave protocol with the SSD sensor as a slave device.
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com