Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP601RT-EST Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP601RT-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601RT-EST Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP601RT-EST Datasheet HTML 26Page - Microchip Technology MCP601RT-EST Datasheet HTML 27Page - Microchip Technology MCP601RT-EST Datasheet HTML 28Page - Microchip Technology MCP601RT-EST Datasheet HTML 29Page - Microchip Technology MCP601RT-EST Datasheet HTML 30Page - Microchip Technology MCP601RT-EST Datasheet HTML 31Page - Microchip Technology MCP601RT-EST Datasheet HTML 32Page - Microchip Technology MCP601RT-EST Datasheet HTML 33Page - Microchip Technology MCP601RT-EST Datasheet HTML 34Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 31
MCP601/1R/2/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device
MCP601
Single Op Amp
MCP601T
Single Op Amp
(Tape and Reel for SOT-23, SOIC and TSSOP)
MCP601RT Single Op Amp
(Tape and Reel for SOT-23-5)
MCP602
Dual Op Amp
MCP602T
Dual Op Amp
(Tape and Reel for SOIC and TSSOP)
MCP603
Single Op Amp with Chip Select
MCP603T
Single Op Amp with Chip Select
(Tape and Reel for SOT-23, SOIC and TSSOP)
MCP604
Quad Op Amp
MCP604T
Quad Op Amp
(Tape and Reel for SOIC and TSSOP)
Temperature Range
I
= -40
° C to +85° C
E= -40
° C to +125° C
Package
OT
= Plastic SOT-23, 5-lead
(MCP601 only)
CH
= Plastic SOT-23, 6-lead
(MCP603 only)
P
= Plastic DIP (300 mil body), 8, 14 lead
SN
= Plastic SOIC (3.90 mm body), 8 lead
SL
= Plastic SOIC (3.90 mm body), 14 lead
ST
= Plastic TSSOP (4.4 mm body), 8, 14 lead
PART NO.
–X
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP601-I/P:
Single Op Amp,
Industrial Temperature,
8 lead PDIP package.
b)
MCP601-E/SN: Single Op Amp,
Extended Temperature,
8 lead SOIC package.
c)
MCP601T-E/ST: Tape and Reel,
Extended Temperature,
Single Op Amp,
8 lead TSSOP package
d)
MCP601RT-I/OT: Tape and Reel,
Industrial Temperature,
Single Op Amp, Rotated
5 lead SOT-23 package.
e)
MCP601RT-E/OT:Tape and Reel,
Extended Temperature,
Single Op Amp, Rotated,
5 lead SOT-23 package.
a)
MCP602-I/SN:
Dual Op Amp,
Industrial Temperature,
8 lead SOIC package.
b)
MCP602-E/P:
Dual Op Amp,
Extended Temperature,
8 lead PDIP package.
c)
MCP602T-E/ST: Tape and Reel,
Extended Temperature,
Dual Op Amp,
8 lead TSSOP package.
a)
MCP603-I/SN:
Industrial Temperature,
Single Op Amp with Chip
Select, 8 lead SOIC package.
b)
MCP603-E/P:
Extended Temperature,
Single Op Amp with Chip
Select, 8 lead PDIP package.
c)
MCP603T-E/ST: Tape and Reel,
Extended Temperature,
Single Op Amp with Chip
Select 8 lead TSSOP package.
d)
MCP603T-I/SN: Tape and Reel,
Industrial Temperature,
Single Op Amp with Chip
Select, 8 lead SOIC package.
a)
MCP604-I/P:
Industrial Temperature,
Quad Op Amp,
14 lead PDIP package.
b)
MCP604-E/SL:
Extended Temperature,
Quad Op Amp,
14 lead SOIC package.
c)
MCP604T-E/ST: Tape and Reel,
Extended Temperature,
Quad Op Amp,
14 lead TSSOP package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com