Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP601RT-EST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP601RT-EST
Description  2.7V to 6.0V Single Supply CMOS Op Amps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP601RT-EST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP601RT-EST Datasheet HTML 7Page - Microchip Technology MCP601RT-EST Datasheet HTML 8Page - Microchip Technology MCP601RT-EST Datasheet HTML 9Page - Microchip Technology MCP601RT-EST Datasheet HTML 10Page - Microchip Technology MCP601RT-EST Datasheet HTML 11Page - Microchip Technology MCP601RT-EST Datasheet HTML 12Page - Microchip Technology MCP601RT-EST Datasheet HTML 13Page - Microchip Technology MCP601RT-EST Datasheet HTML 14Page - Microchip Technology MCP601RT-EST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
© 2007 Microchip Technology Inc.
DS21314G-page 11
MCP601/1R/2/3/4
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1 (single op amps) and Table 3-2 (dual and quad op amps).
TABLE 3-1:
PIN FUNCTION TABLE FOR SINGLE OP AMPS
TABLE 3-2:
PIN FUNCTION TABLE FOR DUAL AND QUAD OP AMPS
3.1
Analog Outputs
The op amp output pins are low-impedance voltage
sources.
3.2
Analog Inputs
The op amp non-inverting and inverting inputs are high-
impedance CMOS inputs with low bias currents.
3.3
Chip Select Digital Input
This is a CMOS, Schmitt-triggered input that places the
part into a low power mode of operation.
3.4
Power Supply Pins
The positive power supply pin (VDD) is 2.5V to 6.0V
higher than the negative power supply pin (VSS). For
normal operation, the other pins are at voltages
between VSS and VDD.
Typically, these parts are used in a single (positive)
supply configuration. In this case, VSS is connected to
ground and VDD is connected to the supply. VDD will
need bypass capacitors.
MCP601
MCP601R
MCP603
Symbol
Description
PDIP, SOIC,
TSSOP
SOT-23-5
SOT-23-5
(Note 1)
SOT-23-6
PDIP, SOIC,
TSSOP
61
1
6
6
VOUT
Analog Output
24
4
2
2
VIN–
Inverting Input
33
3
3
3
VIN+
Non-inverting Input
75
2
7
7
VDD
Positive Power Supply
42
5
4
4
VSS
Negative Power Supply
——
—
8
8
CS
Chip Select
1, 5, 8
—
—
1, 5
1
NC
No Internal Connection
Note 1: The MCP601R is only available in the 5-pin SOT-23 package.
MCP602
MCP604
Symbol
Description
PDIP, SOIC,
TSSOP
PDIP, SOIC,
TSSOP
11
VOUTA
Analog Output (op amp A)
22
VINA–
Inverting Input (op amp A)
33
VINA+
Non-inverting Input (op amp A)
84
VDD
Positive Power Supply
55
VINB+
Non-inverting Input (op amp B)
66
VINB–
Inverting Input (op amp B)
77
VOUTB
Analog Output (op amp B)
—8
VOUTC
Analog Output (op amp C)
—9
VINC–
Inverting Input (op amp C)
—10
VINC+
Non-inverting Input (op amp C)
411
VSS
Negative Power Supply
—12
VIND+
Non-inverting Input (op amp D)
—13
VIND–
Inverting Input (op amp D)
—14
VOUTD
Analog Output (op amp D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com