Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVX4016IP Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # AVX4016IP
Description  ADDERVIEW CATx Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

AVX4016IP Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  AVX4016IP Datasheet HTML 1Page - Infinite Electronics International, Inc. AVX4016IP Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Local, Remote and Global KVM Control
A ‘plug-and-play’, 1U appliance, the AdderView CATx is a completely self-contained system that
installs in minutes combining high security, flexibility, integrated remote power control, faultless
quality video and optional CD quality audio.
The AdderView CATx Series is a range of secure, KVM via CATx switches that provide 4
concurrent local, remote or global users with BIOS-level control of up to 24 multiplatform
servers.
ADDERVIEW CATx Series
FEATURES
Faultless video quality
The AdderView CATx series provides exceptionally high
video performance to local, remote and global users alike,
supporting up to 1900x1440 resolutions with DDC
emulation (1600x1200 on IP links).
True multi-platform support
The AdderView CATx series supports PS/2, USB and Sun.
Country code reporting, DDC and keyboard and mouse
emulation ensure faultless operation.
PS/2 or USB keyboard and mouse control
Any PS/2 or USB style keyboard and mouse maybe used to
control the AdderView CATx series.
Easy cascade
Expand using CATx cascade connections with simple user
intuitive set up.
Optional CD quality audio
The AdderView CATx switches provide CD quality audio to
users when optional audio enabled CIM modules are used.
Power control
Providing complete reboot function, the AdderLink CATx
series interfaces with power switches via a dedicated
RS232 port.
Local User
• Choice of PS/2 or USB keyboard and mouse control.
Remote User
• Up to 300m from computer using Adder extenders.
Global User (IP)
• Employing enterprise grade security (using AES 128 bit
encryption and RSA 2048 bit public key authentication).
• Use Java web browser or Real VNC client software
that, unlike HTTPS web browsers, is designed specifically
for secure, high performance KVM via IP applications.
• Up to 1600x1200 resolutions with scalable windows.
Computer Interface Modules
• Flash upgradeable CIMs available for PS/2, USB and Sun
keyboard and mouse support with optional audio.
The two members of the series are the AdderView CATx
supporting 16 or 24 CATx computer connections, 4
simultaneous users (1x local PS/2 or USB, 4 x remote over
CATx) and the AdderView CATx IP supporting 16 or 24 CATx
computer connections, 4 simultaneous users (1x local PS/2 or
USB, 2 x remote over CATx, 1 x global over IP).


Similar Part No. - AVX4016IP

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
AVX4016 L-COM-AVX4016 Datasheet
237Kb / 2P
ADDERVIEW CATx Series
More results

Similar Description - AVX4016IP

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
NBB Series and NDA Series Reliability
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Texas Instruments
BQ29330DBTRG4 TI-BQ29330DBTRG4 Datasheet
1Mb / 29P
2-SERIES, 3-SERIES, AND 4-SERIES CELL LITHIUM-ION
BQ40Z50 TI1-BQ40Z50 Datasheet
943Kb / 30P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
List of Unclassifed Man...
F-CBS-F2 ETC2-F-CBS-F2 Datasheet
45Kb / 1P
Heat sink is prepared in TUNS100 series, CBS series, DHS200 series and DHS250 series.
logo
Extech Instruments Corp...
MA435T EXTECH-MA435T Datasheet
364Kb / 1P
MA430 Series 400A MA430 Series 400A
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Texas Instruments
BQ40Z50-R2 TI1-BQ40Z50-R2 Datasheet
1Mb / 51P
1-Series, 2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com