Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1821 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1821
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 16Page - Linear Technology LTC1821 Datasheet HTML 17Page - Linear Technology LTC1821 Datasheet HTML 18Page - Linear Technology LTC1821 Datasheet HTML 19Page - Linear Technology LTC1821 Datasheet HTML 20Page - Linear Technology LTC1821 Datasheet HTML 21Page - Linear Technology LTC1821 Datasheet HTML 22Page - Linear Technology LTC1821 Datasheet HTML 23Page - Linear Technology LTC1821 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC2753
20
2753f
Grounding
As with any high resolution converter, clean grounding is
important. A low impedance analog ground plane and star
grounding techniques should be used. IOUT2 must be tied
to the star ground with as low a resistance as possible.
When it is not possible to locate star ground close to
IOUT2, a low resistance trace should be used to route this
APPLICATIONS INFORMATION
pin to star ground. This minimizes the voltage drop from
this pin to ground caused by the code dependent current
flowing to ground. When the resistance of this circuit
board trace becomes greater than 1Ω, a force/sense am-
plifier configuration should be used to drive this pin (see
Figure 2). This preserves the excellent accuracy (1LSB
INL and DNL) of the LTC2753-16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com