Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1821 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC1821
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1821 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC1821 Datasheet HTML 16Page - Linear Technology LTC1821 Datasheet HTML 17Page - Linear Technology LTC1821 Datasheet HTML 18Page - Linear Technology LTC1821 Datasheet HTML 19Page - Linear Technology LTC1821 Datasheet HTML 20Page - Linear Technology LTC1821 Datasheet HTML 21Page - Linear Technology LTC1821 Datasheet HTML 22Page - Linear Technology LTC1821 Datasheet HTML 23Page - Linear Technology LTC1821 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC2753
24
2753f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2007
LT 1007 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
LT1027
Precision Reference
1ppm/°C Maximum Drift
LT1236A-5
Precision Reference
0.05% Maximum Tolerance, 1ppm 0.1Hz to 10Hz Noise
LT1468
16-Bit Accurate Op-Amp
90MHz GBW, 22V/μs Slew Rate
LT1469
Dual 16-Bit Accurate Op-Amp
90MHz GBW, 22V/μs Slew Rate
LTC1588/LTC1589/
LTC1592
Serial 12-/14-/16-Bit IOUT Single DAC
Software-Selectable (SoftSpan) Ranges, ±1LSB INL, DNL, 16-Lead SSOP Package
LTC1591/LTC1597
Parallel 14-/16-Bit IOUT Single DAC
Integrated 4-Quadrant Resistors
LTC1821
Parallel 16-Bit VOUT Single DAC
±1LSB INL, DNL, 0V to 10V, 0V to –10V, ±10V Output Ranges
LTC2601/LTC2611/
LTC2621
Serial 12-/14-/16-Bit VOUT Single DACs
Single DACs, SPI-Compatible, Single Supply, 0V to 5V Outputs in 3mm × 3mm
DFN-10 Package
LTC2606/LTC2616/
LTC2626
Serial 12-/14-/16-Bit VOUT Single DACs
Single DACs, I2C-Compatible, Single Supply, 0V to 5V Outputs in 3mm × 3mm
DFN-10 Package
LTC2641/LTC2642
Serial 12-/14-/16-Bit Unbuffered VOUT Single
DACs
±2LSB INL, ±1LSB DNL, 1μs Settling, Tiny MSOP-10, 3mm × 3mm DFN-10
Packages
LTC2704
Serial 12-/14-/16-Bit VOUT Quad DACs
Software-Selectable (SoftSpan) Ranges, Integrated Amplifiers, ±2LSB INL
LTC2751
Parallel 12-/14-/16-Bit IOUT SoftSpan
Single DACs
±1LSB INL, DNL, Software-Selectable (SoftSpan) Ranges, 5mm × 7mm
QFN-38 Package
–
+
U2A
LT®1469
U4B
LT1469
LTC2753-16
U1
LT1027
U3
RVOSA
RVOSB
RCOM
RIN
ROFSB
ROFSA
2
1
3
8
33
4
2
1
6
7
5
8
4
IN
OUT
TRIM
GND
V+
V+
V–
REFA REFB
RFBA
RFBB
IOUT1A
IOUT2B
IOUT1B
VOUTA
46
45
43
44
32
42
IOUT2A
DATA I/O
SPAN I/O
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
S2
S1
S0
4
6
7
8
9
10
11
12
13
14
22
23
24
25
26
27
28
3
38
33
4
22
1
6
5
C22
0.001μF
C1
30pF
VDD
2753 TA03
R1
10k
OFFSET
TRIM A
OFFSET
TRIM B
2
1
R3
10k
C2
30pF
WR
UPD
READ
D/S
CLR
MSPAN
34
35
36
37
20
21
WR
UPD
READ
D/S
CLR
GND
GND
GND
GND
519
31
49
41
15
47
40
2
1
48
39
C23
0.1μF
C20
10μF
C13
10μF
GAIN
TRIM
R2
10k
U4A
LT1469
3
1
2
VOUTB
V+
V–
Offset and Gain Trim Circuits. Powering VDD from LT1027 Ensures Quiet Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com