Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC14DS080 Datasheet(PDF) 21 Page - Texas Instruments

Part # ADC14DS080
Description  ADC14DS080 Dual 14-Bit, 80 MSPS A/D Converter with Serial LVDS Outputs
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADC14DS080 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ADC14DS080 Datasheet HTML 17Page - Texas Instruments ADC14DS080 Datasheet HTML 18Page - Texas Instruments ADC14DS080 Datasheet HTML 19Page - Texas Instruments ADC14DS080 Datasheet HTML 20Page - Texas Instruments ADC14DS080 Datasheet HTML 21Page - Texas Instruments ADC14DS080 Datasheet HTML 22Page - Texas Instruments ADC14DS080 Datasheet HTML 23Page - Texas Instruments ADC14DS080 Datasheet HTML 24Page - Texas Instruments ADC14DS080 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
ADC
Input
3 pF
VCMO
0.1 PF
0.1 PF
VIN
ETC1-1-13
0.1 PF
100:
100:
ETC1-1-13
ADC
Input
18 pF
VCMO
0.1 PF
0.1 PF
VIN
ADT1-1WT
50:
0.1 PF
20:
20:
ADC14DS080
www.ti.com
SNAS428B – SEPTEMBER 2007 – REVISED APRIL 2013
Where dev is the angular difference in degrees between the two signals having a 180° relative phase relationship
to each other (see Figure 18). For single frequency inputs, angular errors result in a reduction of the effective full
scale input. For complex waveforms, however, angular errors will result in distortion.
Figure 18. Angular Errors Between the Two Input Signals Will Reduce the Output Level or Cause
Distortion
It is recommended to drive the analog inputs with a source impedance less than 100
Ω. Matching the source
impedance for the differential inputs will improve even ordered harmonic performance (particularly second
harmonic).
Table 1indicates the input to output relationship of the ADC14DS080.
Table 1. Input to Output Relationship
VIN+
VIN−
Binary Output
2’s Complement Output
VCM − VREF/2
VCM + VREF/2
00 0000 0000 0000
10 0000 0000 0000
Negative Full-Scale
VCM − VREF/4
VCM + VREF/4
01 0000 0000 0000
11 0000 0000 0000
VCM
VCM
10 0000 0000 0000
00 0000 0000 0000
Mid-Scale
VCM + VREF/4
VCM − VREF/4
11 0000 0000 0000
01 0000 0000 0000
VCM + VREF/2
VCM − VREF/2
11 1111 1111 1111
01 1111 1111 1111
Positive Full-Scale
Driving the Analog Inputs
The VIN+ and the VIN− inputs of the ADC14DS080 have an internal sample-and-hold circuit which consists of an
analog switch followed by a switched-capacitor amplifier.
Figure 19 and Figure 20 show examples of single-ended to differential conversion circuits. The circuit in
Figure 19 works well for input frequencies up to approximately 70MHz, while the circuit in Figure 20 works well
above 70MHz.
Figure 19. Low Input Frequency Transformer Drive Circuit
Figure 20. High Input Frequency Transformer Drive Circuit
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: ADC14DS080



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com