Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5271 Datasheet(PDF) 29 Page - Texas Instruments

Part # ADS5271
Description  10-Bit, Octal-Channel ADC Up to 65MSPS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ADS5271 Datasheet(HTML) 29 Page - Texas Instruments

Back Button ADS5271 Datasheet HTML 25Page - Texas Instruments ADS5271 Datasheet HTML 26Page - Texas Instruments ADS5271 Datasheet HTML 27Page - Texas Instruments ADS5271 Datasheet HTML 28Page - Texas Instruments ADS5271 Datasheet HTML 29Page - Texas Instruments ADS5271 Datasheet HTML 30Page - Texas Instruments ADS5271 Datasheet HTML 31Page - Texas Instruments ADS5271 Datasheet HTML 32Page - Texas Instruments ADS5271 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
0.20
0.15
0.10
0.05
0
0.05
0.10
0.15
0.20
-
-
-
-
Code(LSB)
64
960
704
320
576
448
832
192
f =65MSPS
f
=5MHz
S
IN
0.10
0.08
0.06
0.04
0.02
0
0.20
0.40
0.60
0.80
0.10
-
-
-
-
-
Code(LSB)
64
960
832
576
320
70
60
50
40
30
20
10
0
CodeBin(LSB)
511
513
512
514
f =65MSPS
S
0%
0%
61.1%
38.9%
10
-10
-30
-50
-70
-90
-110
-130
-150
InputFrequency(MHz)
0
2
20
18
16
14
12
10
8
6
4
f =65MHz
f =10MHz( 7dBFS)
f =16.1MHz( 7dBFS)
IMD= 96dBFS
-
-
-
S
1
2
ADS5287
www.ti.com
SBAS428D – JANUARY 2008 – REVISED JUNE 2012
TYPICAL CHARACTERISTICS (continued)
Typical values at +25°C. Minimum and maximum values are measured across the specified temperature range of TMIN =
–40°C to TMAX = +85°C, AVDD = 3.3V, LVDD = 1.8V, clock frequency = 10MSPS to 65MSPS, 50% clock duty cycle, –1dBFS
differential analog input, internal reference mode, ISET resistor = 56.2kΩ, and LVDS buffer current setting = 3.5mA, unless
otherwise noted.Typical values at +25°C.
HISTOGRAM OF OUTPUT CODE FOR ZERO INPUT
INTERMODULATION DISTORTION
Figure 24.
Figure 25.
DIFFERENTIAL NONLINEARITY
INTEGRAL NONLINEARITY
(fS = 65MSPS, fIN = 5MHz)
Figure 26.
Figure 27.
Copyright © 2008–2012, Texas Instruments Incorporated
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com