Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7820Y/2K Datasheet(PDF) 24 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 24 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 20Page - Texas Instruments AMC7820Y/2K Datasheet HTML 21Page - Texas Instruments AMC7820Y/2K Datasheet HTML 22Page - Texas Instruments AMC7820Y/2K Datasheet HTML 23Page - Texas Instruments AMC7820Y/2K Datasheet HTML 24Page - Texas Instruments AMC7820Y/2K Datasheet HTML 25Page - Texas Instruments AMC7820Y/2K Datasheet HTML 26Page - Texas Instruments AMC7820Y/2K Datasheet HTML 27Page - Texas Instruments AMC7820Y/2K Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
24
AMC7820 REGISTERS
This section will describe each of the registers that were shown in the memory map of Tables III and IV. The registers are
grouped according to the function they control.
AMC7820 ADC REGISTERS
The results of all ADC conversions are placed in the appropriate data register, as described in Table III. The data format of these
read-only registers is as follows:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
A2
A1
A0
DV
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MSB
LSB
where,
A2 - A0—Channel Address Bits. These three bits will correspond to the address of the channel whose result is in the lower 12 bits.
DV—Data Valid. This bit is set (“1”) when a new conversion result is placed in the register. The DV bit is cleared (“0”) after the
register is read. This allows software to determine if the result it has read from the register is the result of a new conversion
or a previously read result. This bit is also cleared upon power-up or reset of the AMC7820.
D11 - D0—Data bits from the ADC conversion.
Upon power-up, the data registers are cleared to all zeros. This also occurs with a hardware or software RESET. Since the ADC
operates at 100K samples/second (10
µs per conversion), the host should allow at least 80µs before reading any ADC channels
to allow the multiplexer time to scan through all eight channels and write valid data to the data registers.
AMC7820 DAC REGISTERS
The data to be written to the DAC is written into one of the three DAC data registers that are formatted as follows:
where,
DB11 - DB0—Data bits to be written to the DAC. The analog output of the DAC is updated when the value is written into the
register.
x = Don’t Care.
The DAC registers are cleared to all zeros (0x0000) upon power-up or reset. The DAC registers are read and write-enabled,
so that the registers can be read back to confirm the data.
AMC7820 SHUTDOWN REGISTER
The enable and disable functions of SW1 and SW2 are accomplished by writing a proper word into the SHUTDOWN register.
When enabled, SW1 connects to the output of DAC2, and SW2 connects to the output of OPA7. When disabled, SW1 connects
to analog ground, and SW2 connects to the output of SW3. The format of the SHUTDOWN register is as follows:
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
X
X
X
X
X
X
X
X
X
X
X
X
SW1-1
SW1-0
SW2-1
SW2-0
where,
SW1-0 - SW1-1—SW1 Disable Control Bits. For the operation of these two bits, see Table V.
SW2-0 - SW2-1—SW2 Disable Control Bits. For the operation of these two bits, see Table V.
x = Don’t Care.
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
MSB
LSB
X
X
X
X
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com