Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMC7820Y/2K Datasheet(PDF) 11 Page - Texas Instruments

Part # AMC7820Y/2K
Description  ANALOG MONITORING AND CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AMC7820Y/2K Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC7820Y/2K Datasheet HTML 7Page - Texas Instruments AMC7820Y/2K Datasheet HTML 8Page - Texas Instruments AMC7820Y/2K Datasheet HTML 9Page - Texas Instruments AMC7820Y/2K Datasheet HTML 10Page - Texas Instruments AMC7820Y/2K Datasheet HTML 11Page - Texas Instruments AMC7820Y/2K Datasheet HTML 12Page - Texas Instruments AMC7820Y/2K Datasheet HTML 13Page - Texas Instruments AMC7820Y/2K Datasheet HTML 14Page - Texas Instruments AMC7820Y/2K Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
AMC7820
SBAS231B
www.ti.com
11
TYPICALCHARACTERISTICS: Thermistor Current Source(THERM IOUT, Pin 2) (Cont.)
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
TYPICAL CHARACTERISTICS: Operational Amplifiers
At TA = +25°C, +AVDD, BVDD = +5.0V, VREF = Internal +2.5V, unless otherwise noted.
INPUT BIAS CURRENT vs TEMPERATURE
100.0
10.0
1.0
0.1
Temperature (
°C)
–50
–25
0
25
50
75
100
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
Common-Mode Voltage (V)
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
–1.5
–2.0
–1.0
0.5
0.0
–0.5
4.0
1.5
2.0
2.5
3.0
3.5
1.0
OFFSET VOLTAGE DISTRIBUTION
Offset Voltage (mV)
20
18
16
14
12
10
8
6
4
2
0
OFFSET VOLTAGE DRIFT DISTRIBUTION
Offset Voltage Drift (
µV/°C)
18
16
14
12
10
8
6
4
2
0
THERM I
OUT CURRENT DISTRIBUTION
WITH INTERNAL VOLTAGE REFERENCE
Therm I
OUT (µA)
25
20
15
10
5
0
R
ISET = 100kΩ
THERM I
OUT CURRENT DISTRIBUTION
WITH EXTERNAL VOLTAGE REFERENCE
Therm I
OUT (µA)
25
20
15
10
5
0
R
ISET = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com