Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0448 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button F0448_V01 Datasheet HTML 34Page - Renesas Technology Corp F0448_V01 Datasheet HTML 35Page - Renesas Technology Corp F0448_V01 Datasheet HTML 36Page - Renesas Technology Corp F0448_V01 Datasheet HTML 37Page - Renesas Technology Corp F0448_V01 Datasheet HTML 38Page - Renesas Technology Corp F0448_V01 Datasheet HTML 39Page - Renesas Technology Corp F0448_V01 Datasheet HTML 40Page - Renesas Technology Corp F0448_V01 Datasheet HTML 41Page - Renesas Technology Corp F0448_V01 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 38
Table 14. Attenuator Control Using One Latch Signal
CSb_A (J12)
CSb_B (J15)
Function
OPEN
OPEN
No control of attenuators
OPEN
CLOSED
DSA1_B attenuator is controlled
CLOSED
OPEN
DSA1_A attenuator is controlled
CLOSED
CLOSED
DSA1_A attenuator is controlled DSA1_B attenuator is controlled
Figure 80. Jumpers for Serial Programming Connections
7.4.5.
Parallel Control Pins
Both channels have two other attenuators, DSA0 and DSA2, which are parallel controlled. These parallel pins
are located on header J13 shown in Figure 81. Table 14 lists the pin functions on header J13.
Figure 81. Parallel Pin Connections
See Table 8 and Table 9 for the attenuation control.
7.4.6.
Power-On Procedure
Set up the voltage supplies and Evaluation Board as described in “Power Supply Setup” with the “Standby Pin”
set for logic LOW, then enable the power supply.
7.4.7.
Power-Off Procedure
Disable the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com