Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0448 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # F0448
Description  Dual Matched Broadband RF DVGA 3.3GHz to 4.2GHz
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0448 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button F0448_V01 Datasheet HTML 24Page - Renesas Technology Corp F0448_V01 Datasheet HTML 25Page - Renesas Technology Corp F0448_V01 Datasheet HTML 26Page - Renesas Technology Corp F0448_V01 Datasheet HTML 27Page - Renesas Technology Corp F0448_V01 Datasheet HTML 28Page - Renesas Technology Corp F0448_V01 Datasheet HTML 29Page - Renesas Technology Corp F0448_V01 Datasheet HTML 30Page - Renesas Technology Corp F0448_V01 Datasheet HTML 31Page - Renesas Technology Corp F0448_V01 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
F0448 Datasheet
X0008129 Rev.1.4
Feb 17, 2021
Page 28
tS
tH
tP
tCH
tCL
CLK
DATA
CSb
tL
tLS
tLC
tL
Figure 70. Serial Timing Diagram
Table 7. SPI Timing Diagram Values for Figure 70
Parameter
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
CLK Frequency
fC
10
MHz
CLK High Duration Time
tCH
50
ns
CLK Low Duration Time
tCL
50
ns
DATA to CLK Setup Time
tS
10
ns
CLK Period [a]
tP
100
ns
CLK to DATA Hold Time
tH
10
ns
CSb to CLK Setup Time
tLS
10
ns
CSb Trigger Pulse Width
tL
10
ns
CSb Trigger to CLK Setup Time [b]
tLC
10
ns
[a] (tCH + tCL) ≥ 1/fC
[b] Once all desired DATA is clocked in, tLC represents the time a CSb high needs to occur before any subsequent CLK signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com