Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5662MPFBREP.A Datasheet(PDF) 16 Page - Texas Instruments

Part # DAC5662MPFBREP.A
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5662MPFBREP.A Datasheet(HTML) 16 Page - Texas Instruments

Back Button DAC5662MPFBREP.A Datasheet HTML 12Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 13Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 14Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 15Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 16Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 17Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 18Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 19Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
www.ti.com
DIGITAL INPUTS AND TIMING (continued)
Dual-Bus Data Interface and Timing
Valid Data
D[11:0]
tsu
th
tLAT
tpd
tsettle
WRT1/WRT2
CLK1/CLK2
IOUT
or
IOUT
t1PH
Single-Bus Interleaved Data Interface and Timing
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
In dual-bus mode, the MODE pin is connected to DVDD. The two converter channels within the DAC5662
consist of two independent, 12-bit, parallel data ports. Each DAC channel is controlled by its own set of write
(WRTA, WRTB) and clock (CLKA, CLKB) lines. The WRT lines control the channel input latches and the CLK
lines control the DAC latches. The data is first loaded into the input latch by a rising edge of the WRT line
The internal data transfer requires a correct sequence of write and clock inputs, since essentially two clock
domains having equal periods (but possibly different phases) are input to the DAC5662. This is defined by a
minimum requirement of the time between the rising edge of the clock and the rising edge of the write inputs.
This essentially implies that the rising edge of CLK must occur at the same time or before the rising edge of the
WRT signal. A minimum delay of 2 ns should be maintained if the rising edge of the clock occurs after the rising
edge of the write. Note that these conditions are satisfied when the clock and write inputs are connected
externally. Note that all specifications were measured with the WRT and CLK lines connected together.
Figure 18. Dual-Bus-Mode Operation
In single-bus interleaved mode, the MODE pin is connected to DGND. Figure 19 shows the timing diagram. In
interleaved mode, the I and Q channels share the write input (WRTIQ) and update clock (CLKIQ and internal
CLKDACIQ). Multiplexing logic directs the input word at the I-channel input bus to either the I-channel input latch
(SELECTIQ is high) or to the Q-channel input latch (SELECTIQ is low). When SELECTIQ is high, the data value
in the Q-channel latch is retained by presenting the latch output data to its input again. When SELECTIQ is low,
the data value in the I-channel latch is retained by presenting the latch output data to its input.
In interleaved mode, the I-channel input data rate is twice the update rate of the DAC core. As in dual-bus mode,
it is important to maintain a correct sequence of write and clock inputs. The edge-triggered flip-flops latch the I-
and Q-channel input words on the rising edge of the write input (WRTIQ). This data is presented to the I- and
Q-DAC latches on the following falling edge of the write inputs. The DAC5662 clock input is divided by a factor
of two before it is presented to the DAC latches.
Correct pairing of the I- and Q-channel data is done by RESETIQ. In interleaved mode, the clock input CLKIQ is
divided by two, which would translate to a nondeterministic relation between the rising edges of the CLKIQ and
CLKDACIQ. RESETIQ ensures, however, that the correct position of the rising edge of CLKDACIQ, with respect
to the data at the input of the DAC latch, is determined. CLKDACIQ is disabled (low) when RESETIQ is high.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com