Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC5662MPFBREP.A Datasheet(PDF) 18 Page - Texas Instruments

Part # DAC5662MPFBREP.A
Description  DUAL 12-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5662MPFBREP.A Datasheet(HTML) 18 Page - Texas Instruments

Back Button DAC5662MPFBREP.A Datasheet HTML 14Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 15Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 16Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 17Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 18Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 19Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 20Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 21Page - Texas Instruments DAC5662MPFBREP.A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
www.ti.com
APPLICATION INFORMATION
Theory of Operation
DAC Transfer Function
I
OUTFS +
I
OUT1 )
I
OUT2
(1)
I
OUT1 +
I
OUTFS
Code
4096
(2)
I
OUT2 +
I
OUTFS
4095 *
Code
4096
(3)
I
OUTFS +
32
I
REF +
32
V
REF
R
SET
(4)
V
OUT1 +
I
OUT1
R
LOAD
(5)
V
OUT2 +
I
OUT2
R
LOAD
(6)
DAC5662-EP
SGLS340A – JUNE 2006 – REVISED OCTOBER 2006
The architecture of the DAC5662 uses a current steering technique to enable fast switching and high update
rate. The core element within the monolithic DAC is an array of segmented current sources that are designed to
deliver a full-scale output current of up to 20 mA. An internal decoder addresses the differential current switches
each time the DAC is updated and a corresponding output current is formed by steering all currents to either
output summing node, IOUT1 and IOUT2. The complementary outputs deliver a differential output signal, which
improves the dynamic performance through reduction of even-order harmonics, common-mode signals (noise),
and double the peak-to-peak output signal swing by a factor of two, compared to single-ended operation.
The segmented architecture results in a significant reduction of the glitch energy and improves the dynamic
performance (SFDR) and DNL. The current outputs maintain a high output impedance of greater than 300 k
Ω.
When pin 42 (GSET) is high (one resistor mode), the full-scale output current for both DACs is determined by
the ratio of the internal reference voltage (1.2 V) and an external resistor (RSET) connected to BIASJ_A. When
GSET is low (two resistor mode), the full-scale output current for each DACs is determined by the ratio of the
internal reference voltage (1.2 V) and separate external resistors (RSET) connected to BIASJ_A and BIASJ_B.
The resulting IREF is internally multiplied by a factor of 32 to produce an effective DAC output current that can
range from 2 mA to 20 mA, depending on the value of RSET.
The DAC5662 is split into a digital and an analog portion, each of which is powered through its own supply pin.
The digital section includes edge-triggered input latches and the decoder logic, while the analog section
comprises the current source array with its associated switches, and the reference circuitry.
Each of the DACs in the DAC5662 has a set of complementary current outputs, IOUT1 and IOUT2. The full-scale
output current, IOUTFS, is the summation of the two complementary output currents:
The individual output currents depend on the DAC code and can be expressed as:
where Code is the decimal representation of the DAC data input word. Additionally, IOUTFS is a function of the
reference current IREF, which is determined by the reference voltage and the external setting resistor (RSET).
In most cases, the complementary outputs drive resistive loads or a terminated transformer. A signal voltage
develops at each output according to:
The value of the load resistance is limited by the output compliance specification of the DAC5662. To maintain
specified linearity performance, the voltage for IOUT1 and IOUT2 should not exceed the maximum allowable
compliance range.
18
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com