Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8802IPWR Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC8802IPWR
Description  Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC8802IPWR Datasheet(HTML) 1 Page - Texas Instruments

  DAC8802IPWR Datasheet HTML 1Page - Texas Instruments DAC8802IPWR Datasheet HTML 2Page - Texas Instruments DAC8802IPWR Datasheet HTML 3Page - Texas Instruments DAC8802IPWR Datasheet HTML 4Page - Texas Instruments DAC8802IPWR Datasheet HTML 5Page - Texas Instruments DAC8802IPWR Datasheet HTML 6Page - Texas Instruments DAC8802IPWR Datasheet HTML 7Page - Texas Instruments DAC8802IPWR Datasheet HTML 8Page - Texas Instruments DAC8802IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DAC8802
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
14
DAC
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
D13
A0
A1
EN
A
B
Decode
SDI
CLK
DGND
MSB
R A
FB
V
A B
REF
R B
FB
I
A
OUT
A
A
GND
A
B
GND
I
B
OUT
Input
Register
Input
Register
DAC A
Register
DACB
Register
R
R
Power-On
Reset
R
R
DAC A
DACB
CS
RS
LDAC
DAC8802
SBAS351B – AUGUST 2005 – REVISED FEBRUARY 2007
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
• Relative Accuracy: 1 LSB Max
The DAC8802 is a dual, 14-bit, current-output
digital-to-analog
converter
(DAC)
designed
to
• Differential Nonlinearity: 1 LSB Max
operate from a single 2.7 V to 5.5 V supply.
• 2-mA Full-Scale Current ±20%,
with VREF = ±10 V
The applied external reference input voltage VREF
determines the full-scale output current. An internal
• 0.5 µs Settling Time
feedback
resistor
(RFB)
provides
temperature
• Midscale or Zero-Scale Reset
tracking for the full-scale output when combined with
• Separate 4Q Multiplying Reference Inputs
an external I-to-V precision amplifier.
• Reference Bandwidth: 10 MHz
A doubled-buffered, serial data interface offers
• Reference Dynamics: –105 dB THD
high-speed,
3-wire,
SPI
and
microcontroller
compatible inputs using serial data in (SDI), clock
• SPI™-Compatible 3-Wire Interface:
(CLK),
and
a
chip-select
(CS).
A
common
50 MHz
level-sensitive load DAC strobe (LDAC) input allows
• Double Buffered Registers to Enable
simultaneous update of
all
DAC
outputs
from
Simultaneous Multichannel Update
previously loaded input registers. Additionally, an
internal power-on reset forces the output voltage to
• Internal Power-On Reset
zero at system turn-on. An MSB pin allows system
• Industry-Standard Pin Configuration
reset assertion (RS) to force all registers to zero
code when MSB = 0, or to half-scale code when
MSB = 1.
• Automatic Test Equipment
The DAC8802 is available in an TSSOP-16 package.
• Instrumentation
• Digitally Controlled Calibration
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI is a trademark of Motorola, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC8802IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8802IPWR TI-DAC8802IPWR Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802IPWRG4 TI-DAC8802IPWRG4 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8802IPWR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8801 BURR-BROWN-DAC8801 Datasheet
384Kb / 16P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8803 TI-DAC8803 Datasheet
261Kb / 30P
Quad, Current Output, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8803 TI-DAC8803_15 Datasheet
2Mb / 26P
Quad, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8801 TI1-DAC8801_16 Datasheet
991Kb / 22P
14-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com