Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC-II Datasheet(PDF) 3 Page - Coherent Corp

Part # CPC-II
Description  Compact Pulse Compressor for Vitara
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CPC-II Datasheet(HTML) 3 Page - Coherent Corp

  CPC-II Datasheet HTML 1Page - Coherent Corp CPC-II Datasheet HTML 2Page - Coherent Corp CPC-II Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Coherent, Inc.,
5100 Patrick Henry Drive Santa Clara, CA 95054
p. (800) 527-3786 | (408) 764-4983
f. (408) 764-4646
tech.sales@coherent.com
www.coherent.com
Coherent follows a policy of continuous product improvement. Specifications are subject to change without notice. Coherent’s scientific and industrial lasers are certified to comply with the Federal Regulations
(21 CFR Subchapter J) as administered by the Center for Devices and Radiological Health on all systems ordered for shipment after August 2, 1976.
Coherent offers a limited warranty for all CPC-II Compact Pulse Compressors. For full details of this warranty coverage, please refer to the Service section at www.coherent.com or contact your local Sales or Service
Representative. MC-027-08-0M0421Rev.B Copyright ©2021 Coherent, Inc.
Input
Output
285.8 mm (11.25 in.)
127.0 mm (5.00 in.)
138.7 mm (5.46 in.)
34.5 mm
(1.36 in.)
120.6 mm
(4.75 in.)
167.6 mm
(6.60 in.)
CPC-II Datasheet
MECHANICAL SPECIFICATIONS
CPC-II
Top View
Front View
Side View



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com