Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC-II Datasheet(PDF) 1 Page - Coherent Corp

Part # CPC-II
Description  Compact Pulse Compressor for Vitara
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COHERENT [Coherent Corp]
Direct Link  https://www.coherent.com/
Logo COHERENT - Coherent Corp

CPC-II Datasheet(HTML) 1 Page - Coherent Corp

  CPC-II Datasheet HTML 1Page - Coherent Corp CPC-II Datasheet HTML 2Page - Coherent Corp CPC-II Datasheet HTML 3Page - Coherent Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPC-II
Compact Pulse Compressor for Vitara
The CPC-II pulse compressor accessory for Vitara is designed to
deliver near transform-limited pulses at the target sample. The CPC-II
achieves this by introducing continuously variable negative Group
Delay Dispersion (GDD/prechirp) to precisely compensate for normal
dispersion of downstream optics. Using chirped-mirror technology,
the CPC-II provides an ultra-compact footprint for maximum ease-of-
use and the input and output beam ports are in line to enable simple
experimental setups.
FEATURES & BENEFITS
• Maximizes peak power for enhanced
nonlinear processes
• Coarse and fine GDD control for
precise pulse compression
• In-line input and output ports for
easy alignment
• Pre-compensates for positive
dispersion from downstream optics
• Ultra-compact footprint
APPLICATIONS
• Second Harmonic Generation
• THz Generation
• Coherent Anti-Stokes
Raman Scattering (CARS)
• Multiphoton Imaging
• Non-Linear Optics
•


Similar Part No. - CPC-II

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
CPC-1040 COHERENT-CPC-1040 Datasheet
401Kb / 3P
Compact Pulse Compressor Accessory
logo
Premier Farnell Limited...
CPC-30026 DURATOOL-CPC-30026 Datasheet
147Kb / 1P
Plastic Cabinet Storage, 26 Drawer
09/08/12 V1.0
logo
Source Photonics, Inc.
CPC-44-MR-LR-CLFA SOURCE-CPC-44-MR-LR-CLFA Datasheet
381Kb / 6P
Support 40GBASE-LR4 application
More results

Similar Description - CPC-II

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZX-3530J1 CPI-VZX-3530J1 Datasheet
154Kb / 2P
5.0 kW Compact Pulse Amplifier
VZS-3530J1 CPI-VZS-3530J1 Datasheet
154Kb / 2P
4.25 kW Compact Pulse Amplifier
VZL-3530J1 CPI-VZL-3530J1 Datasheet
154Kb / 2P
4.0 kW Compact Pulse Amplifier
VZC-3530J1 CPI-VZC-3530J1 Datasheet
154Kb / 2P
4.25 kW Compact Pulse Amplifier
logo
National Instruments Co...
NIFP-PWM-520 NI-NIFP-PWM-520 Datasheet
201Kb / 4P
Pulse-Width Modulation Output Module for Compact FieldPoint
logo
Panasonic Battery Group
QA66K16GAU PANASONICBATTERY-QA66K16GAU Datasheet
65Kb / 2P
MATSUSHITA Compressor
QA91K22GAU PANASONICBATTERY-QA91K22GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
QA110K27GAU PANASONICBATTERY-QA110K27GAU Datasheet
66Kb / 2P
MATSUSHITA Compressor
QA125K29CAU PANASONICBATTERY-QA125K29CAU Datasheet
67Kb / 2P
MATSUSHITA Compressor
QA125K29GAU PANASONICBATTERY-QA125K29GAU Datasheet
68Kb / 2P
MATSUSHITA Compressor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com