Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE6208 Datasheet(PDF) 3 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6208
Description  Ultra-Fast High PSRR 1A CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6208 Datasheet(HTML) 3 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6208 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
V1.1
3 (11)
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
CE6208 Series
ELECTRICAL CHARACTERISTICS
CE6208 Series
(VIN=VOUT+1V, CIN=COUT=4.7μF, Ta=25℃, unless otherwise specified)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
VOUT(E)
(Note 2)
IOUT=100mA
VOUT
*0.98
VOUT
(Note 1)
VOUT
*1.02
V
Supply Current
ISS
70
μA
Shutdown Current
ISHDN
VCE=VSS
0.1
1.0
μA
Output Current
IOUT
-
1000
mA
Dropout Voltage
(Note 3)
Vdif1
IOUT =300mA
150
mV
Vdif2
IOUT =1000mA
500
mV
Load Regulation
∆VOUT
VIN= VOUT +1V,
1mA≤IOUT≤1.0A
30
mV
Line Regulation
∆VOUT
∆VIN * VOUT
IOUT =100mA
VOUT +1V≤VIN≤6V
0.02
0.2
%/V
Output Voltage
Temperature
Characteristics
∆VOUT
∆T * VOUT
IOUT =100mA
-40 ≤T≤+85
℃℃
50
ppm/
℃
Short Current
IShort
VOUT =VSS
200
mA
Input Voltage
VIN
-
2.5
6.0
V
Power Supply
Rejection Rate
1KHz
PSRR
IOUT=100mA
70
dB
10KHz
50
CE "High" Voltage
VCE“H”
1.5
VIN
V
CE "Low" Voltage
VCE“L”
0.3
V
Thermal Shutdown
Temperature
TSD
150
℃
Thermal Shutdown
Temperature Hysteresis
T
△ SD
30
℃
NOTE:
1. VOUT: Specified Output Voltage.
2. VOUT (E) : Effective Output Voltage ( I.e. The Output Voltage When VIN = (VOUT +1.0V)
And Maintain A Certain IOUT Value).
3. Vdiff: The Difference Of Output Voltage And Input Voltage When Input Voltage Is
Decreased Gradually Till Output Voltage Equals To 98% Of VOUT (E); When VOUT<2.5V,
VIN≥2.5V Should be Guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com