Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CE6208 Datasheet(PDF) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

Part # CE6208
Description  Ultra-Fast High PSRR 1A CMOS Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHIPOWER [NANJING CHIPOWER ELECTRONICS INC.]
Direct Link  https://www.chipower.com.cn/
Logo CHIPOWER - NANJING CHIPOWER ELECTRONICS INC.

CE6208 Datasheet(HTML) 1 Page - NANJING CHIPOWER ELECTRONICS INC.

  CE6208 Datasheet HTML 1Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 2Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 3Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 4Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 5Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 6Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 7Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 8Page - NANJING CHIPOWER ELECTRONICS INC. CE6208 Datasheet HTML 9Page - NANJING CHIPOWER ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
V1.1
1 (11)
Ultra-Fast High PSRR 1A CMOS Voltage Regulator
CE6208 Series
INTRODUCTION
The CE6208 Series are a group of positive
voltage regulators manufactured by CMOS
technology with high ripple rejection,
ultra-fast transient response and low
dropout voltage, which provide large output
currents even when the difference of the
input-output voltage is small. Each of the
CE6208 series consists of a high-precision
voltage reference, an error correction circuit,
and a current limited output driver. Thus the
series
are
very
suitable
for
the
battery-powered
equipments,
wireless
communication
applications,
industry
equipments and so on.
FEATURES
Guaranteed Output Current:1.0A(Typ.)
Low Quiescent Current:70μA(Typ.)
Output Voltage Range:1.5V~5.0V
Input Voltage Range:2.5V~6.0V
High Accuracy:±2%(Typ.)
Dropout Voltage:
500mV@1.0A(3.0V Typ.)
Excellent Line Regulation:0.02%/V
High PSRR : 70dB@1KHz
Built-in Current Limiter & Thermal
Protection
Short Circuit Current Fold-back
Output Capacitor:Ceramic Compatible
APPLICATIONS
Battery powered systems
Portable instrumentations
PC peripherals
CD/DVD-ROM, CD/RW
Wireless devices
Battery charger
BLOCK DIAGRAM
ORDER INFORMATION
DESIGNATOR
SYMBOL
DESCRIPITION
①
A
Standard
B
With Shutdown Function
②③
Integer
Output Voltage(1.5~5.0V)
e.g:3.0V=②:3, ③:0
④
G
Package:SOT-223
P
Package:SOT-89
B
Package:TO-220
M
Package:SOT-23-5
Ultra-Fast High PSRR
1A CMOS Voltage Regulator
CE6208 Series
CE6208①②③④


Similar Part No. - CE6208

ManufacturerPart #DatasheetDescription
logo
NANJING CHIPOWER ELECTR...
CE6219 CHIPOWER-CE6219 Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
CE6219P33M CHIPOWER-CE6219P33M Datasheet
379Kb / 10P
Low Dropout Voltage 300mA CMOS LDO Regulator
V1.3
CE6260 CHIPOWER-CE6260 Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
CE6260B33M CHIPOWER-CE6260B33M Datasheet
393Kb / 10P
Low Dropout Voltage High PSRR 500mA CMOS LDO Regulator
V1.5
logo
Adam Technologies, Inc.
CE62U ADAM-TECH-CE62U Datasheet
115Kb / 1P
CARD EDGE CONNECTORS .100 X .200 [2.54 X 5.08] CENTERLINE
More results

Similar Description - CE6208

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9187 RICHTEK-RT9187 Datasheet
175Kb / 8P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
RT9187 RICHTEK-RT9187_08 Datasheet
157Kb / 9P
1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
ACE Technology Co., LTD...
ACE621E ACE-ACE621E Datasheet
697Kb / 8P
Ultra-Fast High PSRR 1.5A CMOS Voltage Regulator
VER 1.2
logo
Leshan Radio Company
LR6200 LRC-LR6200 Datasheet
577Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6205 LRC-LR6205 Datasheet
518Kb / 11P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
LR6300 LRC-LR6300 Datasheet
656Kb / 8P
Ultralow-Noise, High PSRR, Fast RF Low-Dropout CMOS Voltage Regulator
logo
uPI Group Inc.
UP8808 UPI-UP8808 Datasheet
294Kb / 16P
Ultra Low Noise, Fast Response, High PSRR 1A Low Dropout Linear Regulator
logo
ACE Technology Co., LTD...
ACE5024D ACE-ACE5024D Datasheet
644Kb / 13P
Ultra Fast High PSRR Low Noise CMOS Voltage Regulator
VER 1.2
ACE5050LA ACE-ACE5050LA Datasheet
343Kb / 4P
500mA High PSRR, Ultra-low Noise, Ultra-Fast CMOS LDO Regulator
VER 1.1
logo
AiT Semiconductor Inc.
A6110 AITSEMI-A6110 Datasheet
557Kb / 13P
LOW DROPOUT VOLTAGE REGULATOR 1A HIGH PSRR CMOS,LINEAR REGULATOR
REV1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com