Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8909 Datasheet(PDF) 92 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 92 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 88Page - Cirrus Logic WM8909 Datasheet HTML 89Page - Cirrus Logic WM8909 Datasheet HTML 90Page - Cirrus Logic WM8909 Datasheet HTML 91Page - Cirrus Logic WM8909 Datasheet HTML 92Page - Cirrus Logic WM8909 Datasheet HTML 93Page - Cirrus Logic WM8909 Datasheet HTML 94Page - Cirrus Logic WM8909 Datasheet HTML 95Page - Cirrus Logic WM8909 Datasheet HTML 96Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 363 page
background image
WM8994
92
Rev 4.6
DIGITAL VOLUME AND FILTER CONTROL
This section describes the digital volume and filter controls of the WM8994 AIF paths.
Digital volume control and High Pass Filter (HPF) control is provided on four AIF1 output (digital
record) paths and two AIF2 output (digital record) paths.
Note that, when ultrasonic (4FS) mode is selected on AIF1, then the digital volume control and high
pass filter (HPF) control are bypassed on the respective ADC (output) signal paths.
Digital volume control, soft-mute control, mono mix and de-emphasis filter control is provided on four
AIF1 input (digital playback) paths and two AIF2 input (digital playback) paths.
AIF1 - OUTPUT PATH VOLUME CONTROL
The AIF1 interface supports up to four output channels. A digital volume control is provided on each of
these output signal paths, allowing attenuation in the range -71.625dB to +17.625dB in 0.375dB steps.
The level of attenuation for an eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  239;
MUTE for X = 0
+17.625dB for 239
 X  255
The AIF1ADC1_VU and AIF1ADC2_VU bits control the loading of digital volume control data. When
the volume update bit is set to 0, the associated volume control data will be loaded into the respective
control register, but will not actually change the digital gain setting.
The AIF1ADC1L and AIF1ADC1R gain settings are updated when a 1 is written to AIF1ADC1_VU.
The AIF1ADC2L and AIF1ADC2R gain settings are updated when a 1 is written to AIF1ADC2_VU.
This makes it possible to update the gain of left and right channels simultaneously.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R1024
(0400h)
AIF1 ADC1
Left Volume
8
AIF1ADC1_
VU
N/A
AIF1ADC1 output path (AIF1, Timeslot 0)
Volume Update
Writing a 1 to this bit will cause the
AIF1ADC1L and AIF1ADC1R volume to be
updated simultaneously
7:0
AIF1ADC1L
_VOL [7:0]
C0h
(0dB)
AIF1ADC1 (Left) output path (AIF1, Timeslot
0) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)
R1025
(0401h)
AIF1 ADC1
Right Volume
8
AIF1ADC1_
VU
N/A
AIF1ADC1 output path (AIF1, Timeslot 0)
Volume Update
Writing a 1 to this bit will cause the
AIF1ADC1L and AIF1ADC1R volume to be
updated simultaneously
7:0
AIF1ADC1R
_VOL [7:0]
C0h
(0dB)
AIF1ADC1 (Right) output path (AIF1, Timeslot
0) Digital Volume
00h = MUTE
01h = -71.625dB
… (0.375dB steps)
EFh = +17.625dB
(See Table 35 for volume range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com