Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8909 Datasheet(PDF) 33 Page - Cirrus Logic

Part # WM8909
Description  Multi-channel Audio Hub CODEC for Smartphones
PDF  363 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8909 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button WM8909 Datasheet HTML 29Page - Cirrus Logic WM8909 Datasheet HTML 30Page - Cirrus Logic WM8909 Datasheet HTML 31Page - Cirrus Logic WM8909 Datasheet HTML 32Page - Cirrus Logic WM8909 Datasheet HTML 33Page - Cirrus Logic WM8909 Datasheet HTML 34Page - Cirrus Logic WM8909 Datasheet HTML 35Page - Cirrus Logic WM8909 Datasheet HTML 36Page - Cirrus Logic WM8909 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 363 page
background image
WM8994
Rev 4.6
33
SPEAKER DRIVER PERFORMANCE
Typical speaker driver THD+N performance is shown below for Class D and Class AB modes. Curves are shown for typical SPKVDD
supply voltage, gain and load conditions.
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class D, Mono (SPKMODE=1), 8
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
Output Power (W)
THD+N vs. Output Power
Class D, Mono (SPKMODE=1), 4
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class AB, Mono (SPKMODE=1), 8
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
Output Power (W)
THD+N vs. Output Power
Class AB, Mono (SPKMODE=1), 4
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class D, Stereo (SPKMODE=0), 8
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.5
1
1.5
2
2.5
3
Output Power (W)
THD+N vs. Output Power
Class D, Stereo (SPKMODE=0), Load = 4
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V
0.01
0.1
1
10
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Output Power (W)
THD+N vs. Output Power
Class AB, Stereo (SPKMODE=0), 8
Ω + 10µH
SPKVDD = 3.3V
SPKVDD = 3.7V
SPKVDD = 5.0V
SPKVDD = 4.5V
SPKVDD = 4.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com