Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS29150 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS29150
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29150 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS29150 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
3/11
Version: A07
Thermal Performance
Condition
Package type
Typ
Unit
TO-220-5L
80
Thermal Resistance
Junction to Ambient
TO-263-5L
85
oC/W
Note 1: Absolute Maximum Rating is limits beyond which damage to the device may occur. For guaranteed
specifications and test conditions see the Electrical Characteristics.
Note 2: Maximum positive supply voltage of 60V must be limited duration (<100mS) and duty cycle (<1%).
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction
to ambient thermal resistance, θ, and the ambient temperature , Ta. Exceeding the maximum allowable
power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The
effective value of θJA can be reduced by using a heatsink.
Note 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
nominal value measured at 1V differential.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of
the ground pin current and output load current.
Note 6: Output current will decrease with increasing temperature, but it will be not dropped below 1.5A at the
maximum specified temperature.
Note 7: Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation
is applied, excluding load or line regulation effects. Specification are for a 200mA load pulse at VIN =20V(a
4W pulse) for T=10mS
Note 8: Comparator thresholds are expressed in terms of a voltage differential at the adjust terminal below the
nominal reference voltage measured at 6V input. To express these thresholds in terms of output voltage
change, multiply by the error amplifier gain = VOUT/VREF = (R1+R2) / R2. For example, at a programmed
output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV x 5V / 1.24V =
384mV. Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning
occurring at typically 5% below nominal, 7.7% guaranteed.
Pin Description
Pin Configuration
Function Description
Enable
Enable (input): TTL/COMS compatible input. Logic high is enable; logic low or open is
shutdown
Input
Unregulated input: +26V maximum supply
Ground
Ground: Ground pin and TAB/heatsink are internally connected.
Output
Regulator output
Flag
Error Flag (output): Open-collector output. Active low indicates an output fault condition.
Adjust
Adjustment input: Feedback input. Connect to resistive voltage-divider network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com