Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS29150 Datasheet(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

Part # TS29150
Description  1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29150 Datasheet(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

Back Button TS29150 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS29150 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TS29150/1/2/3
1.5A Ultra Low Dropout Voltage Regulator
with Multi-Function
8/11
Version: A07
TO-263 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(15=1.5V, 18=1.8V, 25=2.5V, 33=3.3V, 50=5V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
TO-263 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
10.000
10.500
0.394
0.413
B
14.605
15.875
0.575
0.625
C
0.508
0.991
0.020
0.039
D
2.420
2.660
0.095
0.105
E
4.064
4.830
0.160
0.190
F
1.118
1.400
0.045
0.055
G
0.450
0.730
0.018
0.029
H
8.280
8.800
0.325
0.346
I
1.140
1.400
0.044
0.055
J
1.480
1.520
0.058
0.060



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com