Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA163UA/2K5 Datasheet(PDF) 2 Page - Texas Instruments

Part # INA163UA/2K5
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA163UA/2K5 Datasheet(HTML) 2 Page - Texas Instruments

  INA163UA/2K5 Datasheet HTML 1Page - Texas Instruments INA163UA/2K5 Datasheet HTML 2Page - Texas Instruments INA163UA/2K5 Datasheet HTML 3Page - Texas Instruments INA163UA/2K5 Datasheet HTML 4Page - Texas Instruments INA163UA/2K5 Datasheet HTML 5Page - Texas Instruments INA163UA/2K5 Datasheet HTML 6Page - Texas Instruments INA163UA/2K5 Datasheet HTML 7Page - Texas Instruments INA163UA/2K5 Datasheet HTML 8Page - Texas Instruments INA163UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
INA163
SBOS177D
2
www.ti.com
V
O2
NC
GS2
V+
Ref
V
O
Sense
V
O1
NC
GS1
V
IN
−
V
IN+
V
−
NC
NC = No Internal Connection
14
13
12
11
10
9
8
1
2
3
4
5
6
7
PRODUCT
PACKAGE-LEAD
DESIGNATOR
MARKING
INA163UA
SO-14 Surface Mount
D
INA163UA
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum located at the end of this document, or see the TI web site
at www.ti.com.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas
Instruments recommends that all integrated circuits be
handled with appropriate precautions. Failure to ob-
serve proper handling and installation procedures can
cause damage.
ESD damage can range from subtle performance deg-
radation to complete device failure. Precision integrated
circuits may be more susceptible to damage because
very small parametric changes could cause the device
not to meet its published specifications.
Power Supply Voltage .......................................................................
±18V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.5V to (V+) + 0.5V
Current(2) .................................................... 10mA
Output Short-Circuit to Ground ............................................... Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature .................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) Input terminals are diode-clamped to the power-supply rails. Input signals
that can swing more than 0.5V beyond the supply rails should be current
limited to 10mA or less.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION(1)
PIN CONFIGURATION
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com