Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA163UA/2K5 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA163UA/2K5
Description  Low-Noise, Low-Distortion INSTRUMENTATION AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA163UA/2K5 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA163UA/2K5 Datasheet HTML 3Page - Texas Instruments INA163UA/2K5 Datasheet HTML 4Page - Texas Instruments INA163UA/2K5 Datasheet HTML 5Page - Texas Instruments INA163UA/2K5 Datasheet HTML 6Page - Texas Instruments INA163UA/2K5 Datasheet HTML 7Page - Texas Instruments INA163UA/2K5 Datasheet HTML 8Page - Texas Instruments INA163UA/2K5 Datasheet HTML 9Page - Texas Instruments INA163UA/2K5 Datasheet HTML 10Page - Texas Instruments INA163UA/2K5 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
INA163
SBOS177D
7
www.ti.com
FIGURE 3. Offset Voltage Adjustment Circuit.
FIGURE 2. Input Stabilization Network.
V+
V
−
V
O
8
4
3
12
5
11
6
10
9
V
IN
−
V
IN+
INA163
47
Ω
47
Ω
1.2
µH
1.2
µH
INPUT CONSIDERATIONS
Very low source impedance (less than 10
Ω) can cause
the INA163 to oscillate. This depends on circuit layout,
signal source, and input cable characteristics. An input
network consisting of a small inductor and resistor, as
shown in Figure 2, can greatly reduce any tendency to
oscillate. This is especially useful if a variety of input
sources are to be connected to the INA163. Although
not shown in other figures, this network can be used as
needed with all applications shown.
INA163
V+
V
−
V
O
V+
150
Ω
10k
Ω
150
Ω
100
µA
100
µA
8
4
3
12
R
G
5
10
11
6
9
V
−
OPA237
+15V
−15V
V
O
±250mA
Output Drive
BW
BUF634 connected
for wide bandwidth.
8
11
6
4
5
10
9
INA163
BUF634
Sense
FIGURE 4. Buffer for Increase Output Current.
OFFSET VOLTAGE TRIM
A variable voltage applied to pin 10, as shown in
Figure 3, can be used to adjust the output offset voltage.
A voltage applied to pin 10 is summed with the output
signal. An op amp connected as a buffer is used to
provide a low impedance at pin 10 to assure good
common-mode rejection.
OUTPUT SENSE
An output sense terminal allows greater gain accuracy
in driving the load. By connecting the sense connection
at the load, I • R voltage loss to the load is included
inside the feedback loop. Current drive can be in-
creased by connecting a buffer amp inside the feed-
back loop, as shown in Figure 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com