Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OVLLY8C7 Datasheet(PDF) 1 Page - TT Electronics.

Part # OVLLY8C7
Description  Cylindrical High-Intensity LED (5 mm)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVLLY8C7 Datasheet(HTML) 1 Page - TT Electronics.

  OVLLY8C7 Datasheet HTML 1Page - TT Electronics. OVLLY8C7 Datasheet HTML 2Page - TT Electronics. OVLLY8C7 Datasheet HTML 3Page - TT Electronics. OVLLY8C7 Datasheet HTML 4Page - TT Electronics. OVLLY8C7 Datasheet HTML 5Page - TT Electronics. OVLLY8C7 Datasheet HTML 6Page - TT Electronics. OVLLY8C7 Datasheet HTML 7Page - TT Electronics. OVLLY8C7 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Cylindrical High-Intensity LED (5 mm)
OVLLx8C7
© TT electronics plc
Rev C
11/2016
Page 1
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Description:
The OVLLx8C7 series is designed for superior performance in signage and lighting applications that require wide-angle
uniform light output. These devices combine a high-intensity LED with a unique flat-topped T-1¾ package to provide both
high brightness and a wide spatial radiation pattern.
Applications:
•
Channel letter and other signage backlighting
•
Decorative architectural indoor and outdoor lighting accents
•
Industrial and consumer indicators
Features:
•
Wide viewing angle
•
High-brightness indicator
•
Industry standard lead spacing
•
Unique lens shape for flexible applications
Part Number
Material
Emitted Color
Intensity Typ. mcd
Lens Color
InGaN
Blue
Clear
OVLLB8C7
440
OVLLG8C7
InGaN
Green
2400
Clear
OVLLR8C7
AllnGaP
Red
900
Clear
OVLLY8C7
AllnGaP
Yellow
980
Clear
DO NOT LOOK DIRECTLY AT LED
WITH UNSHIELDED EYES OR
DAMAGE TO RETINA MAY
OCCUR.
RoHS


Similar Part No. - OVLLY8C7

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
Cylindrical High-Intensity Yellow LED
10/05
logo
TT Electronics.
OVLLY8C7 TTELEC-OVLLY8C7 Datasheet
337Kb / 9P
Cylindrical High-Intensity LED
More results

Similar Description - OVLLY8C7

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR5400 VISHAY-TLDR5400 Datasheet
187Kb / 6P
High Intensity LED, 5 mm Tinted Diffused
30-Aug-04
TLHF5400 VISHAY-TLHF5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
TLHK5400 VISHAY-TLHK5400 Datasheet
73Kb / 5P
High Intensity LED, 5 mm Tinted Diffused Package
04-Feb-99
logo
OPTEK Technologies
OVLLB8C7 OPTEK-OVLLB8C7 Datasheet
589Kb / 4P
Cylindrical High-Intensity Blue LED(5 mm)
10/05
OVLLG8C7 OPTEK-OVLLG8C7 Datasheet
576Kb / 4P
Cylindrical High-Intensity Green LED
10/05
OVLLR8C7 OPTEK-OVLLR8C7 Datasheet
577Kb / 4P
Cylindrical High-Intensity Red LED (5 mm)
10/05
OVLLY8C7 OPTEK-OVLLY8C7 Datasheet
569Kb / 4P
Cylindrical High-Intensity Yellow LED
10/05
logo
Vishay Siliconix
TLHK5100 VISHAY-TLHK5100 Datasheet
265Kb / 9P
High Intensity LED, ∅ 5 mm Untinted Non-Diffused
31-Aug-04
logo
TT Electronics.
OVLLB8C7 TTELEC-OVLLB8C7 Datasheet
337Kb / 9P
Cylindrical High-Intensity LED
logo
Vishay Siliconix
TLDR6800 VISHAY-TLDR6800 Datasheet
162Kb / 6P
High Intensity LED, Ø 5 mm Clear Package
16-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com