Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEAD150C Datasheet(PDF) 1 Page - TT Electronics.

Part # PEAD150C
Description  AC/DC DESKTOP ADAPTER 12-56VDC 150W
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PEAD150C Datasheet(HTML) 1 Page - TT Electronics.

  PEAD150C Datasheet HTML 1Page - TT Electronics. PEAD150C Datasheet HTML 2Page - TT Electronics. PEAD150C Datasheet HTML 3Page - TT Electronics. PEAD150C Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
·
·
·
-
·
·
-
-
-
·
·
-
-
-
- -
-
-
-
- -
Output connector 4-pin Mini-DIN (non-locking) with male terminals as standard. Others available upon request.
5. C14 input receptacle is standard.


Similar Part No. - PEAD150C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PEAD150B TTELEC-PEAD150B Datasheet
481Kb / 4P
PEAD150B Power Supply Series (150W)
22/04/2021
PEAD150B-12 TTELEC-PEAD150B-12 Datasheet
481Kb / 4P
PEAD150B Power Supply Series (150W)
22/04/2021
PEAD150B-13 TTELEC-PEAD150B-13 Datasheet
481Kb / 4P
PEAD150B Power Supply Series (150W)
22/04/2021
PEAD150B-13-2 TTELEC-PEAD150B-13-2 Datasheet
481Kb / 4P
PEAD150B Power Supply Series (150W)
22/04/2021
PEAD150B-14 TTELEC-PEAD150B-14 Datasheet
481Kb / 4P
PEAD150B Power Supply Series (150W)
22/04/2021
More results

Similar Description - PEAD150C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CUP36-10 ETC-CUP36-10 Datasheet
43Kb / 2P
AC/DC Desktop
logo
Wall Industries,Inc.
DTAM65 WALL-DTAM65 Datasheet
130Kb / 2P
65 Watt Single Output AC/DC Medical Desktop Adapter
logo
Power Systems GmbH+Co.K...
VAN70-120 POWER-SYSTEMS-VAN70-120 Datasheet
1Mb / 1P
AC-DC Power Supplies 72 WATTS DESKTOP AC ADAPTER
VE3502 POWER-SYSTEMS-VE3502 Datasheet
409Kb / 1P
AC-DC Power Supplies 34 WATTS DESKTOP AC ADAPTER
VEG15B-120F POWER-SYSTEMS-VEG15B-120F Datasheet
104Kb / 2P
AC-DC Power Supplies 15 WATTS GREEN-MODE DESKTOP AC ADAPTER
VEG20X-050F POWER-SYSTEMS-VEG20X-050F Datasheet
109Kb / 2P
AC-DC Power Supplies 20 WATTS GREEN-MODE DESKTOP AC ADAPTER
VEG65X-120FAA POWER-SYSTEMS-VEG65X-120FAA Datasheet
125Kb / 2P
AC-DC Power Supplies 65 WATTS DESKTOP AC ADAPTER
WN05-050B POWER-SYSTEMS-WN05-050B Datasheet
826Kb / 1P
AC-DC WALL / DESKTOP 5 Watt Wall Mount AC Adapter
logo
Tumbler Technologies + ...
TWA150 TRUMPOWER-TWA150 Datasheet
120Kb / 1P
150W AC/DC Power Adapters
TWA250 TRUMPOWER-TWA250 Datasheet
108Kb / 1P
250W AC/DC Desktop Power Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com