Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293D Datasheet(PDF) 4 Page - Texas Instruments

Part # L293D
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293D Datasheet(HTML) 4 Page - Texas Instruments

  L293D Datasheet HTML 1Page - Texas Instruments L293D Datasheet HTML 2Page - Texas Instruments L293D Datasheet HTML 3Page - Texas Instruments L293D Datasheet HTML 4Page - Texas Instruments L293D Datasheet HTML 5Page - Texas Instruments L293D Datasheet HTML 6Page - Texas Instruments L293D Datasheet HTML 7Page - Texas Instruments L293D Datasheet HTML 8Page - Texas Instruments L293D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
L293, L293D
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage, VCC1
(2)
36
V
Output supply voltage, VCC2
36
V
Input voltage, VI
7
V
Output voltage, VO
–3
VCC2 + 3
V
Peak output current, IO (nonrepetitive, t ≤ 5 ms): L293
–2
2
A
Peak output current, IO (nonrepetitive, t ≤ 100 µs): L293D
–1.2
1.2
A
Continuous output current, IO: L293
–1
1
A
Continuous output current, IO: L293D
–600
600
mA
Maximum junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
Electrostatic
V(ESD)
V
discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC1
4.5
7
Supply voltage
V
VCC2
VCC1
36
VCC1 ≤ 7 V
2.3
VCC1
V
VIH
High-level input voltage
VCC1 ≥ 7 V
2.3
7
V
VIL
Low-level output voltage
–0.3(1)
1.5
V
TA
Operating free-air temperature
0
70
°C
(1)
The algebraic convention, in which the least positive (most negative) designated minimum, is used in this data sheet for logic voltage
levels.
6.4 Thermal Information
L293, L293D
THERMAL METRIC(1)
NE (PDIP)
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance (2)
36.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
22.5
°C/W
RθJB
Junction-to-board thermal resistance
16.5
°C/W
ψJT
Junction-to-top characterization parameter
7.1
°C/W
ψJB
Junction-to-board characterization parameter
16.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Submit Documentation Feedback
Copyright © 1986–2016, Texas Instruments Incorporated
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com