Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L293D Datasheet(PDF) 9 Page - Texas Instruments

Part # L293D
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293D Datasheet(HTML) 9 Page - Texas Instruments

Back Button L293D Datasheet HTML 5Page - Texas Instruments L293D Datasheet HTML 6Page - Texas Instruments L293D Datasheet HTML 7Page - Texas Instruments L293D Datasheet HTML 8Page - Texas Instruments L293D Datasheet HTML 9Page - Texas Instruments L293D Datasheet HTML 10Page - Texas Instruments L293D Datasheet HTML 11Page - Texas Instruments L293D Datasheet HTML 12Page - Texas Instruments L293D Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
24 V
5 V
10 k
Ω
VCC1
VCC2
Control A
Control B
4, 5, 12, 13
GND
Thermal
Shutdown
Motor
16
8
3
6
11
14
4Y
3Y
2Y
1Y
1,2EN
1A
2A
3,4EN
3A
4A
15
10
9
7
2
1
L293, L293D
www.ti.com
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
A typical application for the L293 device is driving a two-phase motor. Below is an example schematic displaying
how to properly connect a two-phase motor to the L293 device.
Provide a 5-V supply to VCC1 and valid logic input levels to data and enable inputs. VCC2 must be connected to a
power supply capable of supplying the needed current and voltage demand for the loads connected to the
outputs.
9.2 Typical Application
Figure 6. Two-Phase Motor Driver (L293)
9.2.1 Design Requirements
The design techniques in the application above as well as the applications below should fall within the following
design requirements.
1. VCC1 should fall within the limits described in the Recommended Operating Conditions.
2. VCC2 should fall within the limits described in the Recommended Operating Conditions.
3. The current per channel should not exceed 1 A for the L293 (600mA for the L293D).
9.2.2 Detailed Design Procedure
When designing with the L293 or L293D, careful consideration should be made to ensure the device does not
exceed the operating temperature of the device. Proper heatsinking will allow for operation over a larger range of
current per channel. Refer to the Power Supply Recommendations as well as the Layout Example.
Copyright © 1986–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com