Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2758TL/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2758TL/NOPB
Description  LM2758 Switched Capacitor Flash LED Driver in DSBGA Package
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2758TL/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2758TL/NOPB Datasheet HTML 8Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 9Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 10Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 11Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 12Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 13Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 14Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 15Page - Texas Instruments LM2758TL/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
12
LM2758
SNVS551E – APRIL 2008 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2758
Submit Documentation Feedback
Copyright © 2008–2016, Texas Instruments Incorporated
over temperature (Y5V: 22%, –82% over –30°C to +85°C range; Z5U: 22%, –56% over 10°C to 85°C range).
Under some conditions, a nominal 1 μF Y5V or Z5U capacitor could have a capacitance of only 0.1 μF. Such
detrimental deviation is likely to cause Y5V and Z5U capacitors to fail to meet the minimum capacitance
requirements of the LM2758. The voltage rating of the output capacitor must be 6.3 V or more. For example, a
6.3-V, 0603, 2.2-μF output capacitor (TDK C1608X5R0J225) is acceptable for use with the LM2758, as long as
the capacitance on the output does not fall below a minimum of 1 μF in the intended application. All other
capacitors must have a voltage rating at or above the maximum input voltage of the application and a minimum
capacitance of 1 μF.
Table 3. Suggested Capacitors And Suppliers
MANUFACTURER
PART NUMBER
TYPE
MANUFACTURER
VOLTAGE RATING
CASE SIZE
INCH (mm)
2.2 µF for CIN and COUT
C1608X5R0J225
Ceramic X5R
TDK
6.3 V
0603 (1608)
JMK107BJ225
Ceramic X5R
Taiyo-Yuden
6.3 V
0603 (1608)
1 µF for C1 and C2
C1608X5R0J105
Ceramic X5R
TDK
6.3 V
0603 (1608)
JMK107BJ105M
Ceramic X5R
Taiyo-Yuden
6.3 V
0603 (1608)
8.2.2.2 Power Efficiency
Efficiency of LED drivers is commonly taken to be the ratio of power consumed by the LEDs (PLED) to the power
drawn at the input of the part (PIN). With a 1×/1.5× charge pump, the input current is equal to the charge pump
gain times the output current (total LED current). The efficiency of the LM2758 can be predicted as follows:
PLED = VLED × ILED
(3)
PIN = VIN × IIN
(4)
PIN = VIN × (Gain × ILED + IQ)
(5)
E = (PLED ÷ PIN)
(6)
For a simple approximation, the current consumed by internal circuitry (IQ) can be neglected, and the resulting
efficiency will become:
E = VLED ÷ (VIN × Gain)
(7)
Neglecting IQ results in a slightly higher efficiency prediction, but this impact will be negligible due to the value of
IQ being very low compared to the typical torch and flash current levels (100 mA to 500 mA). It is also worth
noting that efficiency as defined here is in part dependent on LED voltage. Variation in LED voltage does not
affect power consumed by the circuit and typically does not relate to the brightness of the LED. For an advanced
analysis, it is recommended that power consumed by the circuit (VIN × IIN) be evaluated rather than power
efficiency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com