Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3642 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3642 Datasheet HTML 8Page - Texas Instruments LM3642 Datasheet HTML 9Page - Texas Instruments LM3642 Datasheet HTML 10Page - Texas Instruments LM3642 Datasheet HTML 11Page - Texas Instruments LM3642 Datasheet HTML 12Page - Texas Instruments LM3642 Datasheet HTML 13Page - Texas Instruments LM3642 Datasheet HTML 14Page - Texas Instruments LM3642 Datasheet HTML 15Page - Texas Instruments LM3642 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
SCL
SDA
data
change
allowed
data
valid
data
change
allowed
data
valid
data
change
allowed
LM3642
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
www.ti.com
Device Functional Modes (continued)
Table 1. Status of Mode Bits
MODE CHANGE REQUIRED
STATUS OF MODE BITS IN THE ENABLE REGISTER AFTER A FLASH
Using Level Triggered STROBE to Flash
Mode bits are cleared after a single flash. To reflash, 0x23 will have to be written
to 0x0A.
7.4.4 Torch Mode
In Torch Mode, the current source (LED) is programmed via the Current Control Register. Torch Mode is
activated by the Enable Register and/or by Enabling the part in TX/Torch pin configuration. Once the Torch Mode
is enabled the current source will ramp up to the programmed Torch current level. The Ramp-Up and Ramp-
Down times are independently adjustable via the Torch Ramp Register. Torch Mode is not affected by Flash
Timeout. In the LM3642, the programmable torch current ranges from 48.4 mA to 375 mA. With the LM3642LT
option, the programmable torch current ranges from 24 mA to 187 mA.
7.4.5 Indicator Mode
This mode is activated by the Enable Register. The LM3642 can be programmed to a current level that is 1/8th
the torch current value in the Current Control Register. LM3642LT has only one setting of indicator current at 5
mA.
7.5 Programming
7.5.1 I2C-Compatible Interface
7.5.1.1 Data Validity
The data on SDA line must be stable during the HIGH period of the clock signal (SCL). In other words, state of
the data line can only be changed when SCL is LOW.
Figure 12. Data Validity Diagram
A pullup resistor between the controller's VIO line and SDA must be greater than [(VIO – VOL) / 3 mA] to meet
the VOL requirement on SDA. Using a larger pullup resistor results in lower switching current with slower edges,
while using a smaller pullup results in higher switching currents with faster edges.
7.5.1.2 Start and Stop Conditions
START and STOP conditions classify the beginning and the end of the I2C session. A START condition is
defined as SDA signal transitioning from HIGH to LOW while SCL line is HIGH. A STOP condition is defined as
the SDA transitioning from LOW to HIGH while SCL is HIGH. The I2C master always generates START and
STOP conditions. The I2C bus is considered to be busy after a START condition and free after a STOP condition.
During data transmission, the I2C master can generate repeated START conditions. First START and repeated
START conditions are equivalent, function-wise.
12
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com