Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3642 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3642
Description  LM3642 1.5-A Synchronous Boost LED Flash Driver With High-Side Current Source
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3642 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3642 Datasheet HTML 9Page - Texas Instruments LM3642 Datasheet HTML 10Page - Texas Instruments LM3642 Datasheet HTML 11Page - Texas Instruments LM3642 Datasheet HTML 12Page - Texas Instruments LM3642 Datasheet HTML 13Page - Texas Instruments LM3642 Datasheet HTML 14Page - Texas Instruments LM3642 Datasheet HTML 15Page - Texas Instruments LM3642 Datasheet HTML 16Page - Texas Instruments LM3642 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
R/W
Bit 0
1
Bit 1
1
Bit 2
0
Bit 3
0
Bit 4
0
Bit 5
1
Bit 7
1
Bit 6
MSB
LSB
I
2
C Slave Address (chip address)
start
msb Chip Address lsb
w
ack
msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
ack from slave
ack from slave
ack from slave
SCL
SDA
start
Id = 63h
w
ack
addr = 0Ah
ack
ack
Data = 03h
stop
SDA
Start Condition
Stop Condition
SCL
S
P
LM3642
www.ti.com
SNVS891H – SEPTEMBER 2012 – REVISED SEPTEMBER 2015
Programming (continued)
Figure 13. Start and Stop Conditions
7.5.1.3 Transferring Data
Every byte put on the SDA line must be eight bits long, with the most significant bit (MSB) transferred first. Each
byte of data has to be followed by an acknowledge bit. The acknowledge related clock pulse is generated by the
master. The master releases the SDA line (HIGH) during the acknowledge clock pulse. The LM3642 pulls down
the SDA line during the 9th clock pulse, signifying an acknowledge. The LM3642 generates an acknowledge
after each byte is received. There is no acknowledge created after data is read from the LM3642.
After the START condition, the I2C master sends a chip address. This address is seven bits long followed by an
eighth bit which is a data direction bit (R/W). The LM3642 7-bit address is 0x63. For the eighth bit, a '0' indicates
a WRITE and a '1' indicates a READ. The second byte selects the register to which the data will be written. The
third byte contains data to write to the selected register.
w = write (SDA = "0")
r = read (SDA = "1")
ack = acknowledge (SDA pulled down by either master or slave)
id = chip address, 63h for LM3642
Figure 14. Write Cycle
7.5.1.4 I2C-Compatible Chip Address
The device address for the LM3642 is 1100011 (63). After the START condition, the I2C-compatible master
sends the 7-bit address followed by an eighth read or write bit (R/W). R/W = 0 indicates a WRITE, and R/W = 1
indicates a READ. The second byte following the device address selects the register address to which the data
will be written. The third byte contains the data for the selected register.
Figure 15. I2C-Compatible Device Address
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3642



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com