Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4921 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM4921
Description  LM4921 Low Voltage I2S 16-Bit Stereo DAC with Stereo Headphone Power Amplifiers and Volume Control
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4921 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM4921 Datasheet HTML 13Page - Texas Instruments LM4921 Datasheet HTML 14Page - Texas Instruments LM4921 Datasheet HTML 15Page - Texas Instruments LM4921 Datasheet HTML 16Page - Texas Instruments LM4921 Datasheet HTML 17Page - Texas Instruments LM4921 Datasheet HTML 18Page - Texas Instruments LM4921 Datasheet HTML 19Page - Texas Instruments LM4921 Datasheet HTML 20Page - Texas Instruments LM4921 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
LM4921
www.ti.com
SNAS178E – JULY 2003 – REVISED MAY 2013
DEMO BOARD BILL OF MATERIALS
Texas Instruments Bill of Material
Analog Audio LM4921ITL20 Eval Board
Assembly Part Number: 980011973-100
Revision A
Item
Part Number
Part Description
Qty
Ref Designator
1
551011973-001
LM4921 Eval Board PCB etch 001
1
2
LM4921 ITL20 DSBGA 20 Bumps
1
U1
3
Cer Cap 22pF 50V 10%, size 1206
2
C1, C2
4
Cer Cap 0.1pF 50V 10%, size 1206
1
C4
5
Tant Cap 1µF 16V 10%, 3216
3
C3, C5, C8
6
Tant Cap 220µF 16V 10%, 7243
2
C6, C7
7
1 meg ohm
1
R1
8
Crystal 11.2896MHz
1
Y1
9
Phone Jack 3.5mm Stereo
1
J3
10
Jumper Header 1X2
2
P1, S1
11
Jumper Header 1X3
2
J1
12
Jumper Header 1X5
2
J2
13
PCB Banana Jack,
4
A GND, D GND, GND (2)
Black-Mouser 164-6218
14
PCB Banana Jack,
4
A VDD, D VDD, HP L, HP R
Red-Mouser 164-6219
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM4921



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com