Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48821TLEVAL Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48821TLEVAL
Description  LM48821 Direct Coupled, Ultra Low Noise, 52mW Differential Input Stereo Headphone Amplifier with I2C Volume Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48821TLEVAL Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48821TLEVAL Datasheet HTML 10Page - Texas Instruments LM48821TLEVAL Datasheet HTML 11Page - Texas Instruments LM48821TLEVAL Datasheet HTML 12Page - Texas Instruments LM48821TLEVAL Datasheet HTML 13Page - Texas Instruments LM48821TLEVAL Datasheet HTML 14Page - Texas Instruments LM48821TLEVAL Datasheet HTML 15Page - Texas Instruments LM48821TLEVAL Datasheet HTML 16Page - Texas Instruments LM48821TLEVAL Datasheet HTML 17Page - Texas Instruments LM48821TLEVAL Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
POWER SUPPLY VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
POWER SUPPLY VOLTAGE (V)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35
TOTAL STEREO OUTPUT POWER (W)
THD=10%
THD=1%
VDD=4V
VDD=3V
VDD=2V
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35
MONOPHONIC OUTPUT POWER (W)
VDD=2V
VDD=4V
VDD=3V
THD=10%
THD=1%
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.00 0.05 0.10 0.15 0.20 0.25 0.30 0.35
TOTAL STEREO OUTPUT POWER (W)
THD=10%
THD=1%
VDD=4V
VDD=3V
VDD=2V
LM48821, LM48821TLEVAL
SNAS354A – JUNE 2007 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Output Power vs Power Dissipation
Output Power vs Power Dissipation
VDD = 2V, 3V, 4V, RL = 32Ω, Mono
VDD = 2V, 3V, 4V, RL = 16Ω, Stereo
Figure 51.
Figure 52.
Output Power vs Power Dissipation
Supply Current vs Supply Voltage
VDD = 2V, 3V, 4V, RL = 32Ω, Stereo
Mono
Figure 53.
Figure 54.
Supply Current vs Supply Voltage
Stereo
Figure 55.
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM48821 LM48821TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com