Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7341 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM7341
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341 Datasheet(HTML) 2 Page - Texas Instruments

  LM7341 Datasheet HTML 1Page - Texas Instruments LM7341 Datasheet HTML 2Page - Texas Instruments LM7341 Datasheet HTML 3Page - Texas Instruments LM7341 Datasheet HTML 4Page - Texas Instruments LM7341 Datasheet HTML 5Page - Texas Instruments LM7341 Datasheet HTML 6Page - Texas Instruments LM7341 Datasheet HTML 7Page - Texas Instruments LM7341 Datasheet HTML 8Page - Texas Instruments LM7341 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
GAIN
PHASE
RL = 1 M:
CL = 20 pF
±1.35V
±5V
±15V
±1.35V
±15V
±5V
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
GAIN
PHASE
VS = ±15V
RL = 1 M:
CL = 20 pF
-40°C
25°C
125°C
125°C, 25°C, -40°C
LM7341
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics
Figure 1. Open Loop Frequency Response
Figure 2. Open Loop Frequency Response
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model
2000V
Machine Model
200V
Charge-Device Model
1000V
VIN Differential
±15V
Voltage at Input/Output Pin
(V+) + 0.3V, (V−)
−0.3V
Supply Voltage (VS = V
+ − V−)
35V
Input Current
±10 mA
Output Current(4)
±20 mA
Power Supply Current
25 mA
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temp. (10 sec.)
260°C
Storage Temperature Range
−65°C to 150°C
Junction Temperature(5)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(3)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(4)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly unto a PC board.
Operating Ratings
(1)
Supply Voltage (VS = V
+ − V−)
2.5V to 32V
Temperature Range(2)
−40°C to 125°C
Package Thermal Resistance (
θJA)
5-Pin SOT-23
325°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) − TA)/θJA. All numbers apply for packages soldered directly unto a PC board.
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com