Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM7341 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM7341
Description  LM7341 Rail-to-Rail Input/Output ±15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM7341 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM7341 Datasheet HTML 9Page - Texas Instruments LM7341 Datasheet HTML 10Page - Texas Instruments LM7341 Datasheet HTML 11Page - Texas Instruments LM7341 Datasheet HTML 12Page - Texas Instruments LM7341 Datasheet HTML 13Page - Texas Instruments LM7341 Datasheet HTML 14Page - Texas Instruments LM7341 Datasheet HTML 15Page - Texas Instruments LM7341 Datasheet HTML 16Page - Texas Instruments LM7341 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
VS = ±5V
10
100
1k
10k
100k
1M
0
10
20
30
40
50
60
70
80
90
100
FREQUENCY (Hz)
VS = ±15V
VS = 2.7V
VS = ±5V
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
GAIN
PHASE
RL = 1 M:
CL = 20 pF
±1.35V
±5V
±15V
±1.35V
±15V
±5V
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
GAIN
PHASE
VS = ±15V
RL = 1 M:
CL = 20 pF
-40°C
25°C
125°C
125°C, 25°C, -40°C
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
20 pF
100 pF
500 pF
1000 pF
GAIN
PHASE
500 pF
VS = ±15V
RL = 10 M:
100 pF
140
1k
100k
100M
FREQUENCY (Hz)
-20
40
10M
1M
10k
100
80
20
0
60
120
158
-23
45
113
90
23
0
68
135
100 k:, 1 M:, 10 M:
GAIN
PHASE
VS = ±15V
CL = 20 pF
600:
600:
LM7341
www.ti.com
SNOSAW9B – MAY 2008 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Open Loop Frequency with Various Capacitive Load
Open Loop Frequency with Various Resistive Load
Figure 40.
Figure 41.
Open Loop Frequency Response with Various
Open Loop Frequency with Various Supply Voltage
Temperatures
Figure 42.
Figure 43.
CMRR vs. Frequency
+PSRR vs. Frequency
Figure 44.
Figure 45.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM7341



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com