Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF80R650PTH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MMF80R650PTH
Description  800V 0.65Ω N-channel MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMF80R650PTH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MMF80R650PTH Datasheet HTML 1Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMF80R650PTH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MMF80R650P Datasheet
Jul. 2021. Revision 1.2
Magnachip Semiconductor Ltd.
3
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain – Source
Breakdown voltage
V(BR)DSS
800
-
-
V
VGS = 0V, ID = 0.25mA
Gate Threshold Voltage
VGS(th)
2.0
3.0
4.0
V
VDS = VGS, ID = 0.25mA
Zero Gate Voltage
Drain Current
IDSS
-
-
1
uA
VDS = 800V, VGS = 0V
Gate Leakage Current
IGSS
-
-
100
nA
VGS = ±30V, VDS = 0V
Drain-Source On
State Resistance
RDS(ON)
-
0.56
0.65
Ω
VGS = 10V, ID = 5.1A
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Input Capacitance
Ciss
-
823
-
pF
VDS = 25V, VGS = 0V,
f = 1.0MHz
Output Capacitance
Coss
-
689
-
Reverse Transfer Capacitance
Crss
-
29
-
Effective Output Capacitance
Energy Related (6)
Co(er)
-
23.7
-
VDS = 0V to 640V,
VGS = 0V, f = 1.0MHz
Turn On Delay Time
td(on)
-
15.2
-
ns
VGS = 10V, RG = 25Ω,
VDS = 400V, ID = 8.0A
Rise Time
tr
-
29.6
-
Turn Off Delay Time
td(off)
-
76.4
-
Fall Time
tf
-
28.0
-
Total Gate Charge
Qg
-
25.8
-
nC
VGS = 10V, VDS = 640V,
ID = 8.0A
Gate – Source Charge
Qgs
-
5.0
-
Gate – Drain Charge
Qgd
-
11.1
-
Gate Resistance
RG
-
2.25
-
Ω
VGS = 0V, f = 1.0MHz
5)
Co(er) is a capacitance that gives the same stored energy as COSS while VDS is rising from 0V to 80% V(BR)DSS
Static Characteristics (Tc=25 oC unless otherwise specified)
Dynamic Characteristics (Tc=25 oC unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com