Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE0064IPBK Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE0064IPBK
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE0064IPBK Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE0064IPBK Datasheet HTML 17Page - Texas Instruments AFE0064IPBK Datasheet HTML 18Page - Texas Instruments AFE0064IPBK Datasheet HTML 19Page - Texas Instruments AFE0064IPBK Datasheet HTML 20Page - Texas Instruments AFE0064IPBK Datasheet HTML 21Page - Texas Instruments AFE0064IPBK Datasheet HTML 22Page - Texas Instruments AFE0064IPBK Datasheet HTML 23Page - Texas Instruments AFE0064IPBK Datasheet HTML 24Page - Texas Instruments AFE0064IPBK Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
720
740
760
780
800
820
840
860
ChannelNumber
0
4
8
12 16
20 24 28
32 36 40 44 48
52 56
60 64
T =45°C,
VDD=3.4V,
Range=1.2pC,
BusCap=24pF
A
920
940
960
980
1000
1020
1040
C
ChannelNumber
0
4
8
12 16
20 24 28
32 36 40 44 48
52 56
60 64
T =45°C,
VDD=3.4V,
Range=2.4pC,
BusCap=24pF
A
1940
1960
1980
2000
2020
2040
2060
2080
2100
2120
C
ChannelNumber
0
4
8
12 16
20 24 28
32 36 40 44 48
52 56
60 64
T =45°C,
VDD=3.4V,
Range=7.2PC,
BusCap=24pF
A
1380
1400
1420
1440
1460
1480
1500
1520
C
ChannelNumber
0
4
8
12 16
20 24 28
32 36 40 44 48
52 56
60 64
T =45°C,
VDD=3.4V,
Range=4.8pC,
BusCap=24pF
A
AFE0064
www.ti.com ........................................................................................................................................................................................ SLAS672 – SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
NOISE
NOISE
vs
vs
CHANNEL NUMBER IN RANGE 3
CHANNEL NUMBER IN RANGE 4
Figure 23.
Figure 24.
NOISE
NOISE
vs
vs
CHANNEL NUMBER IN RANGE 5
CHANNEL NUMBER IN RANGE 6
Figure 25.
Figure 26.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com