Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFE0064IPBK Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE0064IPBK
Description  64 Channel Analog Front End for Digital X-Ray Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AFE0064IPBK Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE0064IPBK Datasheet HTML 4Page - Texas Instruments AFE0064IPBK Datasheet HTML 5Page - Texas Instruments AFE0064IPBK Datasheet HTML 6Page - Texas Instruments AFE0064IPBK Datasheet HTML 7Page - Texas Instruments AFE0064IPBK Datasheet HTML 8Page - Texas Instruments AFE0064IPBK Datasheet HTML 9Page - Texas Instruments AFE0064IPBK Datasheet HTML 10Page - Texas Instruments AFE0064IPBK Datasheet HTML 11Page - Texas Instruments AFE0064IPBK Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Integrator
ResetSample
(SHR)
SignalSample
(SHS)
FiltBypass
FiltBypass
LPF
LPF
SHR
SHS
+
-
SHS-SHR
CDS
IRST
AFE0064
SLAS672 – SEPTEMBER 2009 ........................................................................................................................................................................................ www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NUMBER
NAME
49, 51, 52,
VSS
I
Ground for device power supply
54, 59, 62,
65, 71, 73,
74, 76, 79,
80, 82, 85,
86, 90, 91,
99, 101, 102,
103, 107,
109, 110
TFT CHARGE INJECTION COMPENSATION
72
DF-SM
I
Digital control to dump compensation charge on integrator capacitor; this is useful to nullify the
effect of pixel TFT charge injection.
56
VT-A
I
External voltage to control the amount of charge dump for TFT charge injection compensation.
Charge dump = (V-voltage at 'EXT_C')*0.857 pC where V is external voltage at pins 56, 57. Short
pins 56 and 57 externally and apply external voltage for charge injection compensation.
57
VT-B
I
NC PINS
58, 111
These pins should be connected to VSS.
DESCRIPTIONS AND TIMING DIAGRAMS
Figure 1. Integrator Channel Schematic
Figure 1 shows the typical schematic of an integrator channel. As shown, each integrator has a reset (IRST)
switch which resets the integrator output to the 'reset-level'. The device integrates input current while this switch
is open. There are two sample and hold circuits connected to each integrator output. SHR samples integrator
reset level output and SHS samples integrator output post integration of signal charge. The device subtracts the
SHR sample from the SHS sample. The difference is then available at device output in a differential format. This
action is called 'Correlated Double Sampling' (CDS). CDS removes integrator offset and low frequency noise
from device output.
Each sample and hold has a built-in low pass filter. This filter limits sampling bandwidth so as to limit sampled
noise to an acceptable level. Detailed functioning of individual blocks is described further with timing diagrams.
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :AFE0064



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com