Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR Datasheet(PDF) 4 Page - TT Electronics.

Part # CCR
Description  Ceasrbisotonr Cseramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCR Datasheet(HTML) 4 Page - TT Electronics.

  CCR Datasheet HTML 1Page - TT Electronics. CCR Datasheet HTML 2Page - TT Electronics. CCR Datasheet HTML 3Page - TT Electronics. CCR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Carbon Composition Resistors
CCR Series
Welwyn Components
Products are supplied on standard carrier tape and 330mm diameter reels suitable for automatic pick and place machines.
Carrier tape dimensions and standard reels quantities are given below.
Packaging – Surface Mount Version
Specify type reference etc as shown in this example of CCR1 6.8K ohms 10%, taped and reeled.
Ordering Procedure
Dimensions (mm)
Type
Ao
Bo
Ko
W
P
T
CCR 1Z
7.3
19.2
7.7
32
12
0.4
750
Quantity
Per Reel
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
Type
CCR1
–
6K8
K
I
Lead form
Value (use IEC62 code)
Tolerance (use IEC 62 code)
Blank
Axial
Z
Surface
mount
K
10%
M
20%
Ao
P
Ko
32mm
13mm
330mm
OBSOLETE



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com