Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCR Datasheet(PDF) 1 Page - TT Electronics.

Part # CCR
Description  Ceasrbisotonr Cseramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

CCR Datasheet(HTML) 1 Page - TT Electronics.

  CCR Datasheet HTML 1Page - TT Electronics. CCR Datasheet HTML 2Page - TT Electronics. CCR Datasheet HTML 3Page - TT Electronics. CCR Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Carbon Ceramic
Resistors
CCR Series
• Replacement for hot moulded
carbon composition
• High pulse voltage and energy capability
• Non-inductive
• Surface mount option
• UL94-V0 approved coating
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
L max
D max
D norm
F min
CCR 1
15.5
5.5
0.8
30
CCR series resistors are produced from a carbon ceramic
composite material, the composition of which is varied to
produce the required resistance value. The ceramic rods are
fitted with end caps to which are welded the termination
wires. Finally, a specially formulated high voltage epoxy
coating is applied and the resistors are marked.
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Electrical Data
* Tolerance applies to date of manufacture. As in all carbon composition parts value drift in storage is possible. This is typically 3%
in one year and 5% in 2 years.
Physical Data
Construction
Solvent Resistance
CCR series resistors are colour coded. Resistors with 20%
tolerance have three bands indicating value, and resistors with
5% and 10% tolerance have four bands indicating value and
tolerance in accordance with IEC62.
Marking
L
D
f
d
CCR 1
Power rating at 25°C
watts
1
Resistance range
ohms
220R – 22K
Maximum pulse voltage
volts
See pulse graphs
TCR
ppm/°C
<1K0 : -700±200 ≥1K0 : -1000±300
Resistance Tolerance
%
10 or 20 *
Standard Values
E12
Ambient temperature range
°C
-40 to 80
Thermal Impedance
°C/W
100
OBSOLETE


Similar Part No. - CCR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CCR WELWYN-CCR Datasheet
83Kb / 4P
Carbon Ceramic Resistors
logo
Cynergy3 Co
CCR CYNERGY3-CCR Datasheet
551Kb / 1P
Rectifier Die, Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
Carbon Composition Resistors
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
Miniature DC-18GHz SPDT Switch
logo
Teledyne Technologies I...
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
Chip Resistors
logo
Exar Corporation
ZOR EXAR-ZOR Datasheet
26Kb / 1P
Zerohm Resistors
logo
Riedon Powertron
KHR4-T600 RIEDON-KHR4-T600 Datasheet
349Kb / 2P
Power Resistors
logo
Dubilier
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
Resistors High Voltage Flame Proof Resistors
DWR01J75RT52 DUBILIER-DWR01J75RT52 Datasheet
326Kb / 2P
Resistors Power Wire Wound Resistors
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
TT Electronics.
628L TTELEC-628L_17 Datasheet
202Kb / 4P
Resistors
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
BCN31 TTELEC-BCN31_17 Datasheet
505Kb / 3P
Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com