Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC123F Datasheet(PDF) 23 Page - Texas Instruments

Part # CD54HC123F
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F Datasheet(HTML) 23 Page - Texas Instruments

Back Button CD54HC123F Datasheet HTML 16Page - Texas Instruments CD54HC123F Datasheet HTML 17Page - Texas Instruments CD54HC123F Datasheet HTML 18Page - Texas Instruments CD54HC123F Datasheet HTML 19Page - Texas Instruments CD54HC123F Datasheet HTML 20Page - Texas Instruments CD54HC123F Datasheet HTML 21Page - Texas Instruments CD54HC123F Datasheet HTML 22Page - Texas Instruments CD54HC123F Datasheet HTML 23Page - Texas Instruments CD54HC123F Datasheet HTML 24Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
(7)
(R0.05) TYP
16X (1.85)
16X (0.6)
14X (1.27)
4220735/A 12/2021
SOP - 2.00 mm max height
NS0016A
SOP
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
8. Board assembly site may have different recommendations for stencil design.
SOLDER PASTE EXAMPLE
BASED ON 0.125 mm THICK STENCIL
SCALE:7X
SYMM
SYMM
1
8
9
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com