Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC123F Datasheet(PDF) 9 Page - Texas Instruments

Part # CD54HC123F
Description  High-Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC123F Datasheet(HTML) 9 Page - Texas Instruments

Back Button CD54HC123F Datasheet HTML 5Page - Texas Instruments CD54HC123F Datasheet HTML 6Page - Texas Instruments CD54HC123F Datasheet HTML 7Page - Texas Instruments CD54HC123F Datasheet HTML 8Page - Texas Instruments CD54HC123F Datasheet HTML 9Page - Texas Instruments CD54HC123F Datasheet HTML 10Page - Texas Instruments CD54HC123F Datasheet HTML 11Page - Texas Instruments CD54HC123F Datasheet HTML 12Page - Texas Instruments CD54HC123F Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
1-May-2025
PACKAGING INFORMATION
Orderable
part number
Status
(1)
Material type
(2)
Package | Pins
Package qty | Carrier
RoHS
(3)
Lead finish/
Ball material
(4)
MSL rating/
Peak reflow
(5)
Op temp (°C)
Part marking
(6)
5962-8684701EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684701EA
CD54HC123F3A
5962-8970001EA
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8970001EA
CD54HCT123F3A
CD54HC123F
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
CD54HC123F
CD54HC123F3A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8684701EA
CD54HC123F3A
CD54HCT123F3A
Active
Production
CDIP (J) | 16
25 | TUBE
No
SNPB
N/A for Pkg Type
-55 to 125
5962-8970001EA
CD54HCT123F3A
CD74HC123E
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC123E
CD74HC123M
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
-55 to 125
HC123M
CD74HC123M96
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-55 to 125
HC123M
CD74HC123M96E4
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC123M
CD74HC123M96G4
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC123M
CD74HC123NSR
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC123M
CD74HC123PW
Obsolete
Production
TSSOP (PW) | 16
-
-
Call TI
Call TI
-55 to 125
HJ123
CD74HC123PWR
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU | SN
Level-1-260C-UNLIM
-55 to 125
HJ123
CD74HC123PWRG4
Active
Production
TSSOP (PW) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HJ123
CD74HC123PWT
Obsolete
Production
TSSOP (PW) | 16
-
-
Call TI
Call TI
-55 to 125
HJ123
CD74HC423E
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HC423E
CD74HC423M
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
-55 to 125
HC423M
CD74HC423M96
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC423M
CD74HC423NSR
Active
Production
SOP (NS) | 16
2000 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HC423M
CD74HCT123E
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HCT123E
CD74HCT123M
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
-55 to 125
HCT123M
CD74HCT123M96
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT123M
CD74HCT123MT
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
-55 to 125
HCT123M
CD74HCT423E
Active
Production
PDIP (N) | 16
25 | TUBE
Yes
NIPDAU
N/A for Pkg Type
-55 to 125
CD74HCT423E
CD74HCT423M96
Active
Production
SOIC (D) | 16
2500 | LARGE T&R
Yes
NIPDAU
Level-1-260C-UNLIM
-55 to 125
HCT423M
CD74HCT423MT
Obsolete
Production
SOIC (D) | 16
-
-
Call TI
Call TI
-55 to 125
HCT423M
Addendum-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com