Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91D176TMA/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # DS91D176TMA/NOPB
Description  DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91D176TMA/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  DS91D176TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
DS91C176, DS91D176
www.ti.com
SNLS146L – MARCH 2006 – REVISED APRIL 2013
Electrical Characteristics (continued)
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
SUPPLY CURRENT (VCC)
ICCD
Driver Supply Current
RL = 50Ω, DE = VCC, RE = VCC
20
29.5
mA
ICCZ
TRI-STATE Supply Current
DE = GND, RE = VCC
6
9.0
mA
ICCR
Receiver Supply Current
DE = GND, RE = GND
14
18.5
mA
Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2)
Parameter
Test Conditions
Min
Typ
Max
Units
DRIVER AC SPECIFICATION
tPLH
Differential Propagation Delay Low to High
RL = 50Ω, CL = 5 pF,
1.3
3.4
5.0
ns
CD = 0.5 pF
tPHL
Differential Propagation Delay High to Low
1.3
3.1
5.0
ns
Figure 9 and Figure 10
tSKD1 (tsk(p))
Pulse Skew |tPLHD − tPHLD|
(3) (4)
300
420
ps
tSKD3
Part-to-Part Skew (5) (5)
1.3
ns
tTLH (tr)
Rise Time (4)
1.0
1.8
3.0
ns
tTHL (tf)
Fall Time (4)
1.0
1.8
3.0
ns
tPZH
Enable Time (Z to Active High)
RL = 50Ω, CL = 5 pF,
8
ns
CD = 0.5 pF
tPZL
Enable Time (Z to Active Low )
8
ns
See Figure 11 and Figure 12
tPLZ
Disable Time (Active Low to Z)
8
ns
tPHZ
Disable Time (Active High to Z)
8
ns
tJIT
Random Jitter, RJ (4)
100 MHz Clock Pattern (6)
2.5
5.5
psrms
fMAX
Maximum Data Rate
200
Mbps
RECEIVER AC SPECIFICATION
tPLH
Propagation Delay Low to High
CL = 15 pF
2.0
4.7
7.5
ns
See Figure 13, Figure 14 and Figure 15
tPHL
Propagation Delay High to Low
2.0
5.3
7.5
ns
tSKD1 (tsk(p))
Pulse Skew |tPLHD − tPHLD|
(3) (4)
0.6
1.7
ns
tSKD3
Part-to-Part Skew (5) (4)
1.3
ns
tTLH (tr)
Rise Time (4)
0.5
1.2
2.5
ns
tTHL (tf)
Fall Time (4)
0.5
1.2
2.5
ns
tPZH
Enable Time (Z to Active High)
RL = 500Ω, CL = 15 pF
10
ns
See Figure 16 and Figure 17
tPZL
Enable Time (Z to Active Low)
10
ns
tPLZ
Disable Time (Active Low to Z)
10
ns
tPHZ
Disable Time (Active High to Z)
10
ns
fMAX
Maximum Data Rate
200
Mbps
(1)
All typicals are given for VCC = 3.3V and TA = 25°C.
(2)
CL includes fixture capacitance and CD includes probe capacitance.
(3)
tSKD1, |tPLHD − tPHLD|, is the magnitude difference in differential propagation delay time between the positive going edge and the negative
going edge of the same channel.
(4)
Not production tested. Specified by a statistical analysis on a sample basis at the time of characterization.
(5)
tSKD3, Part-to-Part Skew, is defined as the difference between the minimum and maximum specified differential propagation delays. This
specification applies to devices at the same VCC and within 5°C of each other within the operating temperature range.
(6)
Stimulus and fixture Jitter has been subtracted.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: DS91C176 DS91D176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com