Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91D176TMA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # DS91D176TMA/NOPB
Description  DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91D176TMA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  DS91D176TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
CLK1A (8 KHz)
CLK1B (8 KHz)
CLK2A (19.44 MHz)
CLK2B (19.44 MHz)
CLK3A (User Defined up to 100 MHz)
CLK3B (User Defined up to 100 MHz)
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
80: RT
ATCA Backplane
Slot Card N
Slot Card N+1
MLVDS Transceivers
MLVDS Transceivers
DS91C176, DS91D176
www.ti.com
SNLS146L – MARCH 2006 – REVISED APRIL 2013
DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
Check for Samples: DS91C176, DS91D176
1
FEATURES
DESCRIPTION
The DS91C176 and DS91D176 are 100 MHz single
2
•
DC to 100+ MHz / 200+ Mbps Low Power, Low
channel M-LVDS (Multipoint Low Voltage Differential
EMI Operation
Signaling) transceivers designed for applications that
•
Optimal for ATCA, uTCA Clock Distribution
utilize multipoint networks (e.g. clock distribution in
Networks
ATCA and uTCA based systems). M-LVDS is a new
bus interface standard (TIA/EIA-899) optimized for
•
Meets or Exceeds TIA/EIA-899 M-LVDS
multidrop networks. Controlled edge rates, tight input
Standard
receiver thresholds and increased drive strength are
•
Wide Input Common Mode Voltage for
sone of the key enhancements that make M-LVDS
Increased Noise Immunity
devices an ideal choice for distributing signals via
•
DS91D176 has Type 1 Receiver Input
multipoint networks.
•
DS91C176 has Type 2 Receiver with Fail-safe
The
DS91C176/DS91D176
are
half-duplex
•
Industrial Temperature Range
transceivers that accept LVTTL/LVCMOS signals at
the driver inputs and convert them to differential M-
•
Space Saving SOIC-8 Package
LVDS signals. The receiver inputs accept low voltage
differential signals (LVDS, B-LVDS, M-LVDS, LV-
PECL and CML) and convert them to 3V LVCMOS
signals. The DS91D176 has a M-LVDS type 1
receiver input with no offset. The DS91C176 has an
M-LVDS type 2 receiver which enable failsafe
functionality.
Typical Application in an ATCA Clock Distribution Network
Figure 1. System Diagram
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS91D176TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS91D176TMA/NOPB TI-DS91D176TMA/NOPB Datasheet
1,012Kb / 19P
DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
More results

Similar Description - DS91D176TMA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD080 TI-SN65MLVD080 Datasheet
239Kb / 24P
8 CHANNEL HALF DUPLEX M LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91D176 NSC-DS91D176 Datasheet
602Kb / 13P
Multipoint-LVDS (M-LVDS) Transceivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
SINGLE M-LVDS RECEIVERS
SN65MLVD080 TI-SN65MLVD080_07 Datasheet
526Kb / 28P
8-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
logo
National Semiconductor ...
DS91C176 NSC-DS91C176_08 Datasheet
373Kb / 14P
100 MHz Single Channel M-LVDS Transceivers
DS91C180 NSC-DS91C180_07 Datasheet
391Kb / 14P
100 MHz M-LVDS Line Driver/Receiver Pair
logo
Texas Instruments
SN65MLVD040 TI1-SN65MLVD040 Datasheet
813Kb / 29P
4-CHANNEL HALF-DUPLEX M-LVDS LINE TRANSCEIVERS
DS91C176TMAX-NOPB TI-DS91C176TMAX-NOPB Datasheet
1,012Kb / 19P
DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
DS91C176 TI1-DS91C176_14 Datasheet
1,007Kb / 20P
100 MHz Single Channel M-LVDS Transceivers
DS91C180 TI1-DS91C180_13 Datasheet
974Kb / 18P
100 MHz M-LVDS Line Driver/Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com