Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC4525C Datasheet(PDF) 19 Page - Semtech Corporation

Part # SC4525C
Description  28V 3A Step-Down Switching Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4525C Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SC4525C Datasheet HTML 14Page - Semtech Corporation SC4525C Datasheet HTML 15Page - Semtech Corporation SC4525C Datasheet HTML 16Page - Semtech Corporation SC4525C Datasheet HTML 17Page - Semtech Corporation SC4525C Datasheet HTML 18Page - Semtech Corporation SC4525C Datasheet HTML 19Page - Semtech Corporation SC4525C Datasheet HTML 20Page - Semtech Corporation SC4525C Datasheet HTML 21Page - Semtech Corporation SC4525C Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
SC4525C
9
Typical Performance Characteristics
(For A 12V to 5V/3A Step-down Converter with 1MHz Switching Frequency)
LC
Load Characteristic
0
1
2
3
4
5
6
0 0.5 1 1.5 2 2.5 3 3.5 4 4.5
Load Current (A)
SS270 REV 6-7
Load Characteristic
SS
12V Input (5V/DIV)
5V Output (2V/DIV)
10ms/DIV
SS Voltage (1V/DIV)
V
IN Start up Transient (IO=3A)
Load Transient Response (I
O= 0.3A to 3A)
Output Short Circuit (Hiccup)
TR
5V Output Response (500mV/DIV, AC Coupling)
Inductor Current (1A/DIV)
40us/DIV
OCP
5V Output Short (5V/DIV)
Retry Inductor Current (2A/DIV)
20ms/DIV
SS Voltage (2V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com